Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9116 Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA9116
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9116 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA9116 Datasheet HTML 33Page - STMicroelectronics TDA9116 Datasheet HTML 34Page - STMicroelectronics TDA9116 Datasheet HTML 35Page - STMicroelectronics TDA9116 Datasheet HTML 36Page - STMicroelectronics TDA9116 Datasheet HTML 37Page - STMicroelectronics TDA9116 Datasheet HTML 38Page - STMicroelectronics TDA9116 Datasheet HTML 39Page - STMicroelectronics TDA9116 Datasheet HTML 40Page - STMicroelectronics TDA9116 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
TDA9116
37/47
10.8 - MISCELLANEOUS
10.8.1 - Safety functions
The safety functions comprise supply voltage
monitoring with appropriate actions, soft start and
soft stop features on H-drive and B-drive signals
on HOut and BOut outputs and X-ray protection.
For supply voltage supervision, refer to paragraph
Power supply and voltage references on page 26
and Figure 1. A schematic diagram putting togeth-
er all safety functions and composite PLL1 lock
and V-blanking indication is in Figure 15.
10.8.2 - Soft start and soft stop functions
For soft start and soft stop features for H-drive and
B-drive signal, refer to paragraph Soft-start and
soft-stop on H-drive on page 30 and sub chapter-
DC/DC CONTROLLER SECTION on page 35, re-
spectively. See also the Figure 10. Regardless
why the H-drive or B-drive signal are switched on
or off (I2C bus command, power up or down, X-ray
protection), the signals always phase-in and
phase-out in the way drawn in the figure, the first
to phase-in and last to phase-out being the H-drive
signal, which is to better protect the power stages
at abrupt changes like switch-on and off. The tim-
ing of phase-in and phase-out only depends on
the capacitance connected to HPosF pin which is
virtually unlimited for this function. Yet it has a dual
function (see paragraph PLL1 on page 27), so a
compromise thereof is to be found.
10.8.3 - X-ray protection
The X-ray protection is activated if the voltage lev-
el on XRay input exceeds VThrXRay threshold. As a
consequence, the H-drive and B-drive signals on
HOut and BOut outputs are inhibited (switched off)
after a 2-horizontal deflection line delay provided
to avoid erratic excessive X-ray condition detec-
tion at short parasitic spikes. The XRayAlarm I2C
bus flag is set to 1 to inform the MCU.
This protection is latched; it may be reset either by
VCC drop or by I
2C bus bit XRayReset (see chap-
ter I2C BUS CONTROL REGISTER MAP on
page 22).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com