Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA9116 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA9116
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9116 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA9116 Datasheet HTML 18Page - STMicroelectronics TDA9116 Datasheet HTML 19Page - STMicroelectronics TDA9116 Datasheet HTML 20Page - STMicroelectronics TDA9116 Datasheet HTML 21Page - STMicroelectronics TDA9116 Datasheet HTML 22Page - STMicroelectronics TDA9116 Datasheet HTML 23Page - STMicroelectronics TDA9116 Datasheet HTML 24Page - STMicroelectronics TDA9116 Datasheet HTML 25Page - STMicroelectronics TDA9116 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
TDA9116
22/47
9 - I2C BUS CONTROL REGISTER MAP
The device slave address is 8C in write mode and
8D in read mode.
Bold weight denotes default value at Power-On-
Reset.
I2C Bus data in the adjustment register is buffered
and internally applied with discharge of the vertical
oscillator (44).
In order to ensure compatibility with future devic-
es, all “Reserved” bits should be set to 0.
Sad
D7
D6D5D4D3D2
D1
D0
WRITE MODE (SLAVE ADDRESS = 8C)
00
HDutySyncV
1: Synchro.
0: Asynchro.
HDUTY
(Horizontal duty cycle)
0
0
0
0
0
0
0
01
HPOS
(Horizontal position)
Reserved
1
000000
02
HMoiré
1: Separated
0: Combined
HMOIRE
(Horizontal moiré amplitude)
0000000
03
B+SyncV
0: Asynchro.
BREF
(B+reference)
1000000
04
Reserved
VOLCTRL
(Control voltage level)
1000000
05
Reserved
Reserved
06
BOutPol
0: Type N
Reserved
07
BOutPh
0: H-flyback
1: H-drive
VSIZE
(Vertical size)
1000000
08
EWTrHFr
0: No tracking
VPOS
(Vertical position)
1000000
09
Reserved
SCOR
(S-correction)
1000000
0A
Reserved
CCOR
(C-correction)
1000000
0B
Reserved
VMOIRE
(Vertical moiré amplitude)
0000000
0C
Reserved
PCC
(Pin cushion correction)
1000000
0D
Reserved
KEYST
(Keystone correction)
1000000
0E
Reserved
TCC
(Top corner correction)
1000000
0F
Reserved
BCC
(Bottom corner correction)
1000000
10
HSIZE
(Horizontal size)
Reserved
1
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com