Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT83C51DB Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HT83C51DB
Description  HIGH TEMPERATURE 83C51 MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT83C51DB Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HT83C51DB Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 8Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
HT83C51
The Programmable Counter Array (PCA) contains a single
16-bit counter/timer made up of the CL and CH registers.
This timer is used by all 5 capture/compare modules. Its
clock input can be programmed to be from one of four
sources. These are the oscillator frequency divided by 12,
the oscillator frequency divided by 4, Timer 0 overflow, and
an external clock input, ECI, on the alternate function of
port pin P1.2.
The serial port has physically separate receive and transmit
buffers, automatic address recognition and four modes of
operation as shown below.
Mode
Description
Baud Rate
0
8-bit shift register
1/12 times oscillator freq.
1
8-bit UART
variable
2
9-bit UART
1/64 or 1/32 times oscillator freq.
3
9-bit UART
variable
There are seven interrupt sources in the HT51. Two are
external interrupts (INT0n, INT1n), three are timer interrupts
(Timer 0, Timer 1, and Timer2), one is a PCA interrupt, and
one is a serial port interrupt as shown below.
PCA interrupt enable
Timer 2 interrupt enable
Serial port interrupt enable
Timer 1 interrupt enable
External interrupt 1 enable
Timer 0 interrupt enable
External interrupt 0 enable
The reset input is the RST pin. A reset is accomplished by
holding the RST pin high for a minimum of 4 clock periods
while the clock is running. The CPU generates an internal
reset from the external signal. The port pins are driven to
the reset state 2 oscillator periods after a valid 1 is detected
on the RST pin.
While RST is high, PSENn is pulled high, ALE is pulled low,
and the port pins are pulled weakly high. All SFRs are reset
to their reset values. The internal Data Memory content is
not affected by reset. In addition, if the HT51 is in Idle or
Power Down mode prior to activation of RST, the HT51 will
be taken out of Idle or Power Down mode by the reset.
The processor will begin operation on the second machine
cycle after the RST line is brought low. A memory access
PCA COUNTER /TIMER
will be made immediately after the RST line is brought low,
but the data is not brought into the processor. The memory
access will be repeated on the next machine cycle and
actual processing will begin at that time.
The instruction set for the HT51 is compatible to the Intel
MCS-51 instruction set used on the 8XC51FC.
SERIAL PORT
INTERRUPTS
RESET
INSTRUCTION SET
AC CHARACTERISTICS
The AC characteristics for the HT51 are shown in the
following tables. Each of the timing symbols has 5 charac-
ters. The first character is always a ‘T’ (Time). The other
characters, depending on their positions, stand for the
logical name of a signal or the logical status of that signal.
The following is a list of the characters and what they stand for:
A: Address
Q: OutputData
C: Clock
R: RDn signal
D: Data
T: Time
H: Logic level HIGH
V: Valid
I:
Instruction
W: WRn signal
(program memory contents)
X: No longer a
L: Logic level LOW, or ALE
valid logic
level
P: PSENn
Z: Float
For example, TAVLL = Time from address valid to ALE
low. The characteristics given are over the operating
conditions T
A = -55°C to +225°C, VDD = 5V ± 10 %, VSS = 0V.
The load capacitance on Port 0, ALE and PSENn = 100
pF. Load capacitance for all other outputs = 50 pF. Inputs
during AC testing are to be driven at V
DD - 0.5V for logic 1
and 0.45 V for logic 0. Timing measurements are to be
made at V
IH min for logic 1 and VIL max for logic 0. For
timing purposes, a port pin is no longer floating when a 100
mV change from load voltage occurs, and begins to float
when a 100 mV change from the loaded V
OL/VOH level
occurs. Timing diagrams are shown to illustrate the signal
relationships depicted in the tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com