Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT83C51DB Datasheet(PDF) 12 Page - Honeywell Solid State Electronics Center

Part # HT83C51DB
Description  HIGH TEMPERATURE 83C51 MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT83C51DB Datasheet(HTML) 12 Page - Honeywell Solid State Electronics Center

Back Button HT83C51DB Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 8Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 9Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 10Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 11Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
40-LEAD PACKAGE DETAIL
A
b
b2
C
D
E
e
eA
L
Q
S1
S2
0.175 (max)
0.018 ± 0.002
0.050 typ
0.010 ± 0.002
2.000 ±0.020
0.594 ± 0.010
0.100 ±0.005
0.600 ± 0.010
0.125 to 0.175
0.050 ± 0.010
0.005 (min)
0.005 (min)
All dimensions in inches
eA
C
e
(pitch)
b
(width)
A
b2
Q
L
Kovar
Lid [3]
S1
S2
D
E
1
Ceramic
Body
Right
Reading
on Lid
THERMAL CHARACTERISTICS
Assumes static air convection
θjc ................................... 0.9°C/W
θja .................................. 32.8°C/W
Helping You Control Your World
Honeywell reserves the right to make changes to any products or technology herein to improve reliability, function or design. Honeywell does not assume any liability
arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
ORDERING INFORMATION
900141 Rev. B
4-98
HT83C51DC
To learn more about Honeywell Solid State Electronics Center,
visit our web site at http://www.ssec.honeywell.com
HT83C51
D - Indicates package type*
D = Standard DIP
*For packaging options, call Honeywell
C - Indicates screening level
B = High Temperature Class B
C = Commercial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com