Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT83C51DB Datasheet(PDF) 11 Page - Honeywell Solid State Electronics Center

Part # HT83C51DB
Description  HIGH TEMPERATURE 83C51 MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT83C51DB Datasheet(HTML) 11 Page - Honeywell Solid State Electronics Center

Back Button HT83C51DB Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 8Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 9Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 10Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 11Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
HT83C51
PINOUT DIAGRAM
Vdd
P0.0 (AD0)
P0.1 (AD1)
P0.2 (AD2)
P0.3 (AD3)
P0.4 (AD4)
P0.5 (AD5)
P0.6 (AD6)
P0.7 (AD7)
EAn
ALE
PSENn
P2.7 (A15)
P2.6 (A14)
P2.5 (A13)
P2.4 (A12)
P2.3 (A11)
P2.2 (A10)
P2.1 (A9)
P2.0 (A8)
(T2) P1.0
(T2EX) P1.1
(ECI) P1.2
(CEXO) P1.3
(CEX1) P1.4
(CEX2) P1.5
(CEX3) P1.6
(CEX4) P1.7
RST
(RXD) P3.0
(TXD) P3.1
(INT0n) P3.2
(INT1n) P3.3
(T0) P3.4
(T1) P3.5
(WRn) P3.6
(RDn) P3.7
XTAL2
XTAL1
Vss
HT51
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
DIFFERENCES BETWEEN
INTEL 8XC51FC AND HT83C51
There are a few areas in which the HT51 differs from the
8XC51FC. These differences will be covered in this
appendix. In this discussion, 8XC51FC will be used
generically to refer to all speed grades of the Intel 8XC51FC
family, including the 16MHz 8XC51FC-1.
1. Reset
The 8XC51FC requires the RST input to be held high for at
least 24 oscillator periods to guarantee the reset is completed
in the chip. Also, the port pins are reset asynchronously as
soon as the RST pin is pulled high. On the HT51, all portions
of the chip are reset synchronously when the RST pin has
been high during 2 rising edges of the input clock.
When coming out of reset, the 8XC51FC takes 1 to 2
machine cycles to begin driving ALE and PSENn. The
HT51 will begin driving ALE and PSENn 2 oscillator periods
after the RST is removed but the access during the first
machine cycle after reset is ignored by the processor. The
second cycle will repeat the access and processing will
begin.
2. Power Off Flag
The Power Off Flag in the PCON register has not been
implemented in the HT51.
3. On Circuit Emulation
The On Circuit Emulation mode of operation in the 8XC51FC
has not been implemented in the HT51.
`4. Operating Conditions
The operating voltage range for the 8XC51FC is 5V
± 20%.
The operating temperature range is 0
° to 70°C. On the
HT51, the operating voltage range is 5V
± 10%. The full
speed operating temperature range is -55
° to +225°C;
typically, parts will operate up to +300
°C for a year, with
derated performance.
5. DC Characteristics
VIL min for the 8XC51FC is -0.5V for all inputs except EAn
which has a VIL min of 0V. The HT51 has a VIL min for all
inputs of Vss-0.3V.
6. Internal Program Memory
The 8XC51FC contains 32 Kbytes of internal program
ROM (83C51FC) or EPROM (87C51FC). The HT51
contains 8 Kbytes of internal program ROM.
7. Serial Communications
There is a chance the part will miss hardware interrupts
when performing full-duplex (simultaneous send and
receive) communication or when using the capture or
compare modes in the Programmable Counter Array (PCA).
As a result, the HT83C51 supports half-duplex operation.
Full duplex operation is not supported without additional
external hardware. Several acceptable work-around pro-
cedures have been identified for the problem associated
with the PCA.
PROGRAMMING THE MASK ROM
The HT83C51 has 8K bytes of on-chip mask program-
mable ROM. The part is usable with or without this memory
space personalised. Once the designer’s code has been
finalized, the ROM information can be transmitted to Hon-
eywell for metal programming of these memory locations.
A non-recurring fee is required to personalize the ROM and
a quantity purchase commitment fulfilled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com