Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT83C51DB Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # HT83C51DB
Description  HIGH TEMPERATURE 83C51 MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT83C51DB Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button HT83C51DB Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 8Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 9Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 10Page - Honeywell Solid State Electronics Center HT83C51DB Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
HT83C51
EXTERNAL PROGRAM AND DATA MEMORY CHARATERISTICS
Symbol
Parameter
Min
Max
Unit
TCLCL
Clock Period
62.5
ns
1/TCLCL
Oscillator Frequency
16
MHz
TLHLL
ALE Pulse Width
2 TCLCL-40
ns
TAVLL
Address Valid to ALE Low
TCLCL-40
ns
TLLAX
Address hold after ALE low
TCLCL-30
ns
TLLIV
ALE low to Valid Instruction In
4 TCLCL-100
ns
TLLPL
ALE Low to PSENn Low
TCLCL-30
ns
TPLPH
PSENn Pulse Width
3 TCLCL-45
ns
TPLIV
PSENn low to Valid Instruction In
3 TCLCL-105
ns
TPXIX
Input Instruction hold after PSENn
0
ns
TPXIZ
Input Instruction Float After PSENn
TCLCL-25
ns
TAVIV
Address to Valid Instruction In
5 TCLCL-105
ns
TPLAZ
PSENn Low to Address Float
10
ns
TRLRH
RDn Pulse Width
6 TCLCL-100
ns
TWLWH
WRn Pulse Width
6 TCLCL-100
ns
TRLDV
RDn Low to Valid Data In
5 TCLCL-165
ns
TRHDX
Data Hold After RDn
0
ns
TRHDZ
Data Float After RDn
2 TCLCL-60
ns
TLLDV
ALE Low to Valid Data In
8 TCLCL-150
ns
TAVDV
Address to Valid Data In
9 TCLCL-165
ns
TLLWL
ALE Low to RDn or WRn Low
3 TCLCL-50
3 TCLCL+50
ns
TAVWL
Address Valid to WRn Low
4 TCLCL-130
ns
TQVWX
Data Valid Before WRn
TCLCL-50
ns
TWHQX
Data Hold After WRn
TCLCL-50
ns
TQVWH
Data Valid to WRn High
7 TCLCL-150
ns
TRLAZ
RDn Low to Address Float
0
ns
TWHLH
RDn or WRn High to ALE High
TCLCL-40
TCLCL+40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com