Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC87591L Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 43Page - National Semiconductor (TI) PC87591L Datasheet HTML 44Page - National Semiconductor (TI) PC87591L Datasheet HTML 45Page - National Semiconductor (TI) PC87591L Datasheet HTML 46Page - National Semiconductor (TI) PC87591L Datasheet HTML 47Page - National Semiconductor (TI) PC87591L Datasheet HTML 48Page - National Semiconductor (TI) PC87591L Datasheet HTML 49Page - National Semiconductor (TI) PC87591L Datasheet HTML 50Page - National Semiconductor (TI) PC87591L Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 437 page
background image
2.0 Signal/Pin Description and Configuration (Continued)
Revision 1.07
47
www.national.com
IOPE7-0
21-20,
34,
4,
68-65
25-24,
44,
2,
90-87
IINTS
VCC General-Purpose Input Port. These pins serve
as input-only pins. The GPIO registers are
accessible by the core for read and
configuration. The pins may be used as GPIO
or assigned to their respective alternate
functions. IOPE0-3 and IOPE5 do not have an
internal pull-up resistor option. Note that
IOPE0-3 and IOPE6-7 are not 5V tolerant. See
Section 2.4 on page 54 for GPIO pin
assignment to alternate functions. See
Section 4.5 on page 113 for further details on
the GPIO pins and their functionality.
Signal
128-Pin
LQFP
176-Pin
LQFP
I/O
Buffer
Type
Power
Well
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com