Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC87591L Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 72Page - National Semiconductor (TI) PC87591L Datasheet HTML 73Page - National Semiconductor (TI) PC87591L Datasheet HTML 74Page - National Semiconductor (TI) PC87591L Datasheet HTML 75Page - National Semiconductor (TI) PC87591L Datasheet HTML 76Page - National Semiconductor (TI) PC87591L Datasheet HTML 77Page - National Semiconductor (TI) PC87591L Datasheet HTML 78Page - National Semiconductor (TI) PC87591L Datasheet HTML 79Page - National Semiconductor (TI) PC87591L Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 437 page
background image
4.0 Embedded Controller Modules (Continued)
www.national.com
76
Revision 1.07
4.1.6
Normal Read Bus Cycle
A read bus cycle starts at T1; at this point, the address is placed on the address bus, SELn (or SELIO) is activated and
WR0-1 are inactive, indicating that this is a read bus cycle. The RD signal is activated on the first TIW or T2 (when there are
no TIW cycles).
At the end of T2, the BIU samples the data on D0-7 or D0-15, according to BW signal in SZCFGn register. After T2, the
number of Thold cycles specified by HOLD in SZCFGn register (may be 0) is added. SELn and RD are deactivated on the
first Thold cycle. The address remains valid until the end of the last Thold cycle.
CLK
A0-19
SEL0-1,
D0-15
RD
WR0-1
Normal Read
Late Write
Normal Read
T1
T2
T1
T2
T1
T2
Bus State
In
Out
In
BST0-2
SELIO
Figure 16. Late Write Bus Cycle Between Normal Read Bus Cycles with 0 Wait
CLK
A0-19
SELn
D0-15
RD
WR0-1
Bus State
T1
TIW
T2
Thold
BST0-2
Figure 17. Late Write Bus Cycle with 1 Internal Wait and 1 Hold
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com