Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PC87591L Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591L
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591L Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button PC87591L Datasheet HTML 59Page - National Semiconductor (TI) PC87591L Datasheet HTML 60Page - National Semiconductor (TI) PC87591L Datasheet HTML 61Page - National Semiconductor (TI) PC87591L Datasheet HTML 62Page - National Semiconductor (TI) PC87591L Datasheet HTML 63Page - National Semiconductor (TI) PC87591L Datasheet HTML 64Page - National Semiconductor (TI) PC87591L Datasheet HTML 65Page - National Semiconductor (TI) PC87591L Datasheet HTML 66Page - National Semiconductor (TI) PC87591L Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 437 page
background image
3.0 Power, Reset and Clocks (Continued)
Revision 1.07
63
www.national.com
The following table summarizes the power states described in relation with the PC87591x power planes.
Figure 10 shows the power state transitions.
Figure 10. Power State Transitions
3.1.3
Power Connection and Layout Guidelines
The PC87591x requires a power supply voltage of 3.3V
± 10% for all the digital supplies (V
CC and VDD). The analog power
supply requires a voltage of 3.3V
± 10% or 3.3V ± 5%. A 3.3V ± 5% analog supply is recommended since it improves the
accuracy of measuring input voltage values close to the full-scale (see Section 7.4.1 on page 378).
Table 11. PC87591x Power States and Related Power Planes
Power State
Host Domain
(VDD)
Suspend
(VCC)
Analog
(AVCC)
Battery
Backed
(VPP)
VBAT
Battery Fail
-
-
-
-
-
Power Fail
-
-
-
+
+
Power Applied
Active and Idle
x
+
+
+
x
Host Power Off
-
+
+
+
x
Host Power On
+
+
+
+
x
Illegal1
1. Operation is not guaranteed.
+-
-
x
x
x+
-
x
x
x-
+
x
x
VBAT Off and VCC Off (VPP Off)
Battery Fail
Power Fail
Host
Power Off
Host
Power On
Active
Idle
VBAT On (VPP On)
and VCC Off
VCC On and
VCC On
VCC On and
VDD Off
VDD Off
VDD On
Hardware
Event
VCC On and
VDD On
VCC On
VDD On
Power Applied
(VCC On)
VBAT On (VPP On)
and VCC Off
Core Domain
Host Domain
Active
with WAIT
Software
Controlled
Hardware
Event
Software
Controlled
VDD Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com