Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QL8150 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QL8150
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8150 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QL8150 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
ZZZTXLFNORJLFFRP
‹ 4XLFN/RJLF&RUSRUDWLRQ
‡
‡
‡
‡
‡
‡
(FOLSVH,, )DPLO\ 'DWD 6KHHW5HY %
Preliminary

)LJXUH  (&8 %ORFN 'LDJUDP
The Eclipse-II ECU blocks (
7DEOH ) are placed next to the SRAM circuitry for efficient
memory/instruction fetch and addressing for DSP algorithmic implementations.
Up to twelve 8-bit MAC functions can be implemented per cycle for a total of 1 billion MACs/s
when clocked at 100 MHz. Additional multiply-accumulate functions can be implemented in the
programmable logic.
7DEOH (FOLSVH,, (&8 %ORFNV
'HYLFH
(&8V
QL8325
12
QL8250
10
QL8150
0
QL8050
0
QL8025
0
A[0:15]
B[0:15]
SIGN2
SIGN1
CIN
S1
S2
S3
A
B
C
D
3-4
decoder
8-bit
Multiplier
16-bit
Adder
17-bit
Register
2-1
mux
2-1
mux
3-1
mux
Q[16:0]
CLK
RESET
DQ
00
01
10
A[7:0]
A[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com