Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QL8150 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # QL8150
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8150 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button QL8150 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 13Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
(FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY %
Preliminary

)LJXUH  (FOLSVH,, ,2 &HOO
The bi-directional I/O pin options can be programmed for input, output, or bi-directional
operation. As shown in
)LJXUH , each bi-directional I/O pin is associated with an I/O cell which
features an input register, an input buffer, an output register, a three-state output buffer, an output
enable register, and 2 two-to-one multiplexers. The select lines of the two-to-one multiplexers are
static and must be connected to either Vcc or GND.
For input functions, I/O pins can provide combinatorial, registered data, or both options
simultaneously to the logic array. For combinatorial input operation, data is routed from I/O pins
through the input buffer to the array logic. For registered input operation, I/O pins drive the D
input of input cell registers, allowing data to be captured with fast set-up times without consuming
internal logic cell resources. The comparator and multiplexor in the input path allows for native
support of I/O standards with reference points offset from traditional ground.
For output functions, I/O pins can receive combinatorial or registered data from the logic array.
For combinatorial output operation, data is routed from the logic array through a multiplexer to
the I/O pin. For registered output operation, the array logic drives the D input of the output cell
register which in turn drives the I/O pin through a multiplexer. The multiplexer allows either a
combinatorial or a registered signal to be driven to the I/O pin. The addition of an output register
will also decrease the Tco. Since the output register does not need to drive the routing the length
of the output path is also reduced.
The three-state output buffer controls the flow of data from the array logic to the I/O pin and
allows the I/O pin to act as an input and/or output. The buffer's output enable can be individually
controlled by the logic cell array or any pin (through the regular routing resources), or it can be
bank-controlled through one of the global networks. The signal can also be either combinatorial
E
R
Q
D
R
Q
D
E
R
Q
D
+
-
PAD
OUTPUT ENABLE
REGISTER
OUTPUT
REGISTER
INPUT
REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com