Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QL8150 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QL8150
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8150 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QL8150 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
(FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY %
Preliminary

The modes for the ECU block are dynamically re-programmable through the programmable logic.
NOTE:
7LPLQJQXPEHUV LQ 7DEOH  UHSUHVHQW :RUVW &DVH &RPPHUFLDOFRQGLWLRQV
3KDVH/RFNHG/RRS 3// ,QIRUPDWLRQ
Instead of requiring extra components, designers simply need to instantiate one of the pre-
configured models (described in this section). The QuickLogic built-in PLLs support a wider range
of frequencies than many other PLLs. These PLLs also have the ability to support different ranges
of frequency multiplications or divisions, driving the device at a faster or slower rate than the
incoming clock frequency. When PLLs are cascaded, the clock signal must be routed off-chip
through the PLLPAD_OUT pin prior to routing into another PLL; internal routing cannot be used
for cascading PLLs.
PLLs achieve a very short clock-to-out time—generally less than 3 ns. This low clock-to-out time
is achieved by the PLL subtracting the clock tree delay through the feedback path, effectively
making the clock tree delay zero.
7DEOH (&80RGH6HOHFW &ULWHULD
,QVWUXFWLRQ
2SHUDWLRQ
(&8 3HUIRUPDQFHD
  :&&
a. tPD, tSU and tCO do not include routing paths in/out of the ECU block.
6 6 6
W3'
W68
W&2
0
0
0
Multiply
6.6 ns max
0
0
1
Multiply-Add
8.8 ns max
0
1
0
Accumulateb
b. Internal feedback path in ECU restricts max clk frequency to 238 MHz.
3.9 ns min
1.2 ns max
0
1
1
Add
3.1 ns max
1
0
0
Multiply (registered)c
c. B [15:0] set to zero.
9.6 ns min
1.2 ns max
1
0
1
Multiply- Add (registered)
9.6 ns min
1.2 ns max
1
1
0
Multiply - Accumulate
9.6 ns min
1.2 ns max
1
1
1
Add (registered)
3.9 ns min
1.2 ns max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com