Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

QL8150 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # QL8150
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8150 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button QL8150 Datasheet HTML 14Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 15Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 16Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 17Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 18Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 19Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 20Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 21Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
ZZZTXLFNORJLFFRP
‹ 4XLFN/RJLF&RUSRUDWLRQ
‡
‡
‡
‡
‡
‡
(FOLSVH,, )DPLO\ 'DWD 6KHHW5HY %
Preliminary

•
Bypass Instruction. The Bypass instruction allows data to skip a device's boundary scan
entirely, so the data passes through the bypass register. The Bypass instruction allows users
to test a device without passing through other devices. The bypass register is connected
between the TDI and TDO pins, allowing serial data to be transferred through a device
without affecting the operation of the device.
-7$* %6'/6XSSRUW
•
BSDL-Boundary Scan Description Language
•
Machine-readable data for test equipment to generate testing vectors and software
•
BSDL files available for all device/ package combinations from QuickLogic
•
Extensive industry support available and ATVG (Automatic Test Vector Generation)
6HFXULW\IXVHV
There are two security links: one to disable reading logic from the array, and the second to disable
JTAG access to the device. Programming these optional links completely disables access to the
device from the outside world and provides an extra level of design security not possible in SRAM-
based FPGAs. The option to program these fuses is selectable via QuickWorks in the
Tools/Options/Device Programming window in SpDE.
)OH[LELOLW\IXVH
The flexibility link enables Power-Up loading of the Embedded RAM blocks. If the link is
programmed, the Power Up Loading state machine is activated during power-up of the device.
The state machine communicates with an external EPROM via the JTAG pins to download
memory contents into the on-chip RAM. If the link is not programmed, Power-Up Loading is not
enabled and the JTAG pins function as they normally would. The option to program this bit is
selectable via QuickWorks in the Tools/Options/Device Programming window in SpDE. For
more information on Power-Up Loading refer to QuickLogic Application Note 55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com