Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VDP313XY Datasheet(PDF) 5 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 5 Page - Micronas

  VDP313XY Datasheet HTML 1Page - Micronas VDP313XY Datasheet HTML 2Page - Micronas VDP313XY Datasheet HTML 3Page - Micronas VDP313XY Datasheet HTML 4Page - Micronas VDP313XY Datasheet HTML 5Page - Micronas VDP313XY Datasheet HTML 6Page - Micronas VDP313XY Datasheet HTML 7Page - Micronas VDP313XY Datasheet HTML 8Page - Micronas VDP313XY Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
5
Video Processor Family
1. Introduction
The VDP 313xY is a video IC family of high-quality sin-
gle-chip video processors. Modular design and a sub-
micron technology allow the economic integration of
features in all classes of TV sets. The VDP 313xY fam-
ily is based on the VDP 31xxB including YCRCB inputs
for DVD component signals.
The main features of the VDP 3130Y are
1.1. Features
Video Decoding and Processing
– four CVBS, one S-VHS input,
one YCRCB component input
– integrated high-quality A/D converters and associ-
ated clamp and AGC circuits
– adaptive 2H comb filter Y/C separator
– multistandard color decoder PAL/NTSC/SECAM
including all substandards
– multistandard sync decoder
– automatic standard recognition
– black-line detector
– linear horizontal scaling (0.25...4), as well as nonlin-
ear horizontal scaling “Panoramavision”
– black-level expander
– dynamic peaking
– soft limiter (gamma correction)
– color transient improvement
RGB Processing and Deflection
– programmable RGB matrix
– two analog RGB / Fastblank inputs
– half-contrast switch
– picture frame generator
– scan velocity modulation output
– high-performance H/V deflection
– separate ADC for tube measurements
– EHT compensation
– angle and bow correction
– one 20.25 MHz crystal, few external components
–I2C-Bus Interface
– 64-pin PSDIP package
1.2. System Architecture
Fig. 1–1 shows the block diagram of the video proces-
sor
Fig. 1–1: Block diagram of the VDP 313xY
SVM
RGB OUT
Half Contrast
RGB/FB IN2
RGB/FB IN1
Sync and Deflection
H/V/EW
I2C
I2C
Sense
VOUT
VIN4
VIN3
VIN2
VIN1
CBIN
CIN2/CRIN
CIN1
Analog
Frontend
AGC,
2
×8bit ADC
2H
Adaptive
Combfilter
Color
Decoder
NTSC,
PAL,
SECAM
Horizontal
Scaler
Panorama
Mode
Display
Processor
RGB Matrix,
CLUT,
Scan Veloc.
Analog
Backend
3
×10 bit DAC,
Tube Control,
RGB Switch
Clock Gen.
DCO
Measurement
ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com