Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VDP313XY Datasheet(PDF) 9 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 9 Page - Micronas

Back Button VDP313XY Datasheet HTML 5Page - Micronas VDP313XY Datasheet HTML 6Page - Micronas VDP313XY Datasheet HTML 7Page - Micronas VDP313XY Datasheet HTML 8Page - Micronas VDP313XY Datasheet HTML 9Page - Micronas VDP313XY Datasheet HTML 10Page - Micronas VDP313XY Datasheet HTML 11Page - Micronas VDP313XY Datasheet HTML 12Page - Micronas VDP313XY Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
9
2.4. Color Decoder
In this block, the standard luminance/chrominance
(luma/chroma) separation and multistandard color
demodulation is carried out. The color demodulation
uses an asynchronous clock, thus allowing a unified
architecture for all color standards.
A block diagram of the color decoder is shown in
Fig. 2–3. The luminance as well as the chrominance
processing, is shown here. The color decoder provides
also some special modes, e.g. wide band chrominance
format which is intended for S-VHS wide bandwidth
chrominance.
If the adaptive comb filter is used for luminance/
chrominance separation, the color decoder uses the
S-VHS mode processing. The output of the color
decoder is YCRCB in a 4:2:2 format.
2.4.1. IF-Compensation
With off-air or mistuned reception, any attenuation at
higher frequencies or asymmetry around the color
subcarrier is compensated. Four different settings of
the IF-compensation are possible:
– flat (no compensation)
– 6dB/octave
– 12 dB/octave
– 10 dB/MHz
The last setting gives a very large boost to high fre-
quencies. It is provided for SECAM signals that are
decoded using a SAW filter specified originally for the
PAL standard.
Fig. 2–2: Frequency response of chrominance IF-com-
pensation
Fig. 2–3: Color decoder
ColorPLL/ColorACC
1 H Delay
CrossSwitch
Notch
Filter
Luma / CVBS
Luma
Chroma
Mixer
Lowpass Filter
Phase/Freq
Demodulator
ACC
Chroma
IF Compensation
DC-Reject



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com