Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VDP313XY Datasheet(PDF) 10 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 10 Page - Micronas

Back Button VDP313XY Datasheet HTML 6Page - Micronas VDP313XY Datasheet HTML 7Page - Micronas VDP313XY Datasheet HTML 8Page - Micronas VDP313XY Datasheet HTML 9Page - Micronas VDP313XY Datasheet HTML 10Page - Micronas VDP313XY Datasheet HTML 11Page - Micronas VDP313XY Datasheet HTML 12Page - Micronas VDP313XY Datasheet HTML 13Page - Micronas VDP313XY Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
VDP 313xY
ADVANCE INFORMATION
10
Micronas
2.4.2. Demodulator
The entire signal (which might still contain luminance)
is now quadrature-mixed to the baseband. The mixing
frequency is equal to the subcarrier for PAL and NTSC,
thus achieving the chrominance demodulation. For
SECAM, the mixing frequency is 4.286 MHz giving the
quadrature baseband components of the FM modu-
lated chrominance. After the mixer, a lowpass filter
selects the chrominance components; a downsam-
pling stage converts the color difference signals to a
multiplexed half rate data stream.
The subcarrier frequency in the demodulator is gener-
ated by direct digital synthesis; therefore, substan-
dards such as PAL 3.58 or NTSC 4.43 can also be
demodulated.
2.4.3. Chrominance Filter
The demodulation is followed by a lowpass filter for the
color
difference
signals
for
PAL/NTSC.
SECAM
requires a modified lowpass function with bell-filter
characteristic. At the output of the lowpass filter, all
luminance information is eliminated.
The lowpass filters are calculated in time multiplex for
the two color signals. Three bandwidth settings (nar-
row, normal, broad) are available for each standard.
For PAL/NTSC, a wide band chrominance filter can be
selected. This filter is intended for high bandwidth
chrominance signals, e.g. a nonstandard wide band-
width S-VHS signal.
Fig. 2–4: Frequency response of chrominance filters
2.4.4. Frequency Demodulator
The frequency demodulator for demodulating the
SECAM signal is implemented as a CORDIC-struc-
ture. It calculates the phase and magnitude of the
quadrature components by coordinate rotation.
The phase output of the CORDIC processor is differ-
entiated to obtain the demodulated frequency. After
the deemphasis filter, the Dr and Db signals are scaled
to standard CRCB amplitudes and fed to the cross-
over-switch.
2.4.5. Burst Detection / Saturation Control
In the PAL/NTSC-system the burst is the reference for
the color signal. The phase and magnitude outputs of
the CORDIC are gated with the color key and used for
controlling the phase-lock-loop (APC) of the demodu-
lator and the automatic color control (ACC) in PAL/
NTSC.
The ACC has a control range of
+30...−6dB.
Color saturation can be selected once for all color
standards. In PAL/NTSC it is used as reference for the
ACC. In SECAM the necessary gains are calculated
automatically.
For SECAM decoding, the frequency of the burst is
measured. Thus, the current chrominance carrier fre-
quency can be identified and is used to control the
SECAM processing. The burst measurements also
control the color killer operation; they are used for
automatic standard detection as well.
2.4.6. Color Killer Operation
The color killer uses the burst-phase/burst-frequency
measurement to identify a PAL/NTSC or SECAM color
signal. For PAL/NTSC, the color is switched off (killed)
as long as the color subcarrier PLL is not locked. For
SECAM, the killer is controlled by the toggle of the
burst frequency. The burst amplitude measurement is
used to switch-off the color if the burst amplitude is
below a programmable threshold. Thus, color will be
killed for very noisy signals. The color amplitude killer
has a programmable hysteresis.
PAL/NTSC
SECAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com