Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VDP313XY Datasheet(PDF) 7 Page - Micronas

Part # VDP313XY
Description  Video Processor Family
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VDP313XY Datasheet(HTML) 7 Page - Micronas

Back Button VDP313XY Datasheet HTML 3Page - Micronas VDP313XY Datasheet HTML 4Page - Micronas VDP313XY Datasheet HTML 5Page - Micronas VDP313XY Datasheet HTML 6Page - Micronas VDP313XY Datasheet HTML 7Page - Micronas VDP313XY Datasheet HTML 8Page - Micronas VDP313XY Datasheet HTML 9Page - Micronas VDP313XY Datasheet HTML 10Page - Micronas VDP313XY Datasheet HTML 11Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
ADVANCE INFORMATION
VDP 313xY
Micronas
7
2. Functional Description
2.1. Introduction
The VDP 313xY includes complete video, display and
deflection processing. All processing is done digitally,
the video frontend and video backend are interfacing
to the analog world. Most functions of the VDP can be
controlled by software via I2C-Bus interface (see
Section 2.14.1. on page 29).
2.2. Video Front End
This block provides the analog interfaces to all video
inputs and mainly carries out analog-to-digital conver-
sion for the following digital video processing. A block
diagram is given in Fig. 2–1.
Most of the functional blocks in the front-end are digi-
tally controlled (clamping, AGC, and clock-DCO). The
control loops are closed by the Fast Processor (FP)
embedded in the video decoder.
2.2.1. Input Selection
Up to seven analog inputs can be connected. Four
inputs are for input of composite video or S-VHS lumi-
nance signal. These inputs are clamped to the sync
back porch and are amplified by a variable gain ampli-
fier. Two inputs are for connection of S-VHS car-
rier-chrominance signal. These inputs are internally
biased and have a fixed gain amplifier. For analog
YCRCB signals (e.g. from DVD players) the selected
luminance input is used together with CBIN and CRIN.
2.2.2. Clamping
The composite video input signals are AC coupled to
the IC. The clamping voltage is stored on the coupling
capacitors and is generated by digitally controlled cur-
rent sources. The clamping level is the back porch of
the video signal.
S-VHS chrominance is also AC coupled. The input pin
is internally biased to the center of the ADC input
range.
The chrominance inputs for YCRCB need to be AC
coupled using clamping capacitors. It is strongly rec-
ommended to use 5 MHz anti-alias low-pass filters on
each input. Each channel is sampled at 10.125 MHz
with a resolution of 8 bit and a clamping level of 128.
2.2.3. Automatic Gain Control
A digitally working automatic gain control adjusts the
magnitude of the selected baseband by
+6/–4.5 dB in
64 logarithmic steps to the optimal range of the ADC.
The gain of the video input stage including the ADC is
213 steps/V with the AGC set to 0 dB.
The gain of the chrominance path in the YCRCB mode
is fix and adapted to a nominal amplitude of 0.7 Vpp.
However, if an overflow of the ADC occurs an
extended signal range of 1 Vpp can be selected.
2.2.4. Analog-to-Digital Converters
Two ADCs are provided to digitize the input signals.
Each converter runs with 20.25 MHz and has 8 bit res-
olution. An integrated bandgap circuit generates the
required reference voltages for the converters. The two
ADCs are of a 2-stage subranging type.
2.2.5. Digitally Controlled Clock Oscillator
The clock generation is also a part of the analog front
end. The crystal oscillator is controlled digitally by the
control processor. The clock frequency can be
adjusted within
±150 ppm.
Fig. 2–1: Video front-end
VIN2
VIN3
VIN4
CIN1
VIN1
bias
ADC
ADC
gain
clamp
frequency
reference
generation
DVCO
±150
ppm
AGC
+6/–4.5 dB
digital CVBS or Luma
digital Chroma
system clocks
20.25 MHz
CVBS/Y
CVBS/Y
CVBS/Y
CVBS/Y
Chroma
CIN2
Chroma
clamp
CBIN
Chroma
CRIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com