Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR745 Datasheet(PDF) 3 Page - Microchip Technology

Part # LR745
Description  High-Input Voltage SMPS Start-up
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR745 Datasheet(HTML) 3 Page - Microchip Technology

  LR745 Datasheet HTML 1Page - Microchip Technology LR745 Datasheet HTML 2Page - Microchip Technology LR745 Datasheet HTML 3Page - Microchip Technology LR745 Datasheet HTML 4Page - Microchip Technology LR745 Datasheet HTML 5Page - Microchip Technology LR745 Datasheet HTML 6Page - Microchip Technology LR745 Datasheet HTML 7Page - Microchip Technology LR745 Datasheet HTML 8Page - Microchip Technology LR745 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
 2015 Microchip Technology Inc.
DS20005394A-page 3
LR745
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Voltage .................................................................................................................................................................................. 450V
Output voltage.................................................................................................................................................................................. 25V
Operating and storage temperature............................................................................................................................. -55°C to +150°C
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at those or any other conditions, above those indicated in the operational listings of
this specification, is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
1.1
ELECTRICAL SPECIFICATIONS
TABLE 1-1:
ELECTRICAL CHARACTERISTICS1
1
Test Conditions unless otherwise specified: TA = 25°C, VIN = 450V
Symbol
Parameter
Min
Typ
Max
Units Conditions
VOUT
Output voltage
18.0
24
V
IOUT= 0
VOUT over temperature
17.7
24.3
V
IOUT= 0, TA= -40°C to +85°C
IOUT
Output current limiting
2.0
3.0
4.0
mA
VIN
Operating input voltage range
35
450
V
IINQ
Input quiescent current
500
µA
VIN= 400V, IOUT= 0
VOFF
Output turn off voltage
12.6
13.25
13.9
V
VOFF over temperature
12.3
13.25
14.2
V
TA= -40°C to +85°C
VRESET
Output reset voltage
6.3
7.0
7.7
V
VRESET over temperature
6.0
7.0
8.0
V
TA= -40°C to +85°C
IOFF
VIN off-state leakage current
75
µA
VIN= 400V
VAUX
External voltage applied to
VOUT
22
V
IAUX
Input current applied to VOUT
500
µA
VAUX= 22V
TABLE 1-2:
THERMAL CHARACTERISTICS
Package
θja
TO-92
132°C/W
TO-243AA (SOT-89)
133°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com