Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR745 Datasheet(PDF) 1 Page - Microchip Technology

Part # LR745
Description  High-Input Voltage SMPS Start-up
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR745 Datasheet(HTML) 1 Page - Microchip Technology

  LR745 Datasheet HTML 1Page - Microchip Technology LR745 Datasheet HTML 2Page - Microchip Technology LR745 Datasheet HTML 3Page - Microchip Technology LR745 Datasheet HTML 4Page - Microchip Technology LR745 Datasheet HTML 5Page - Microchip Technology LR745 Datasheet HTML 6Page - Microchip Technology LR745 Datasheet HTML 7Page - Microchip Technology LR745 Datasheet HTML 8Page - Microchip Technology LR745 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 2015 Microchip Technology Inc.
DS20005394A-page 1
LR745
Features
• Accepts inputs from 35 to 450V
• Output current limiting
• For PWM ICs with start-up threshold voltage of
13.9 - 18.0V
• Very low power consumption after start-up
Applications
• Notebook and laptop computers
• Telecommunication power supplies
• Battery chargers
• Motor controllers
Description
LR745 is a high input voltage SMPS start-up circuit.
LR745 is ideally suited for use with industry standard
low-voltage, Pulse-Width Modulation (PWM) ICs hav-
ing start thresholds of 13.9 to 18.0V. It allows the PWM
ICs to be operated from rectified 120 or 240VAC lines,
and eliminates the use of power resistors often used for
this purpose.
The internal circuitry of the LR745 allows the PWM ICs
to operate at a VCC voltage below their start-threshold
voltage after start-up. The auxiliary voltage can be less
than the start-threshold voltage, which allows for
improved efficiency. Current from the high voltage line
is drawn only during the start-up period. After start-up,
the internal, high-voltage line is disconnected from the
IC, thereby reducing the continuous power dissipation
to a minimum.
High-Input Voltage SMPS Start-up


Similar Part No. - LR745

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
LR745 SUTEX-LR745 Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745 SUTEX-LR745 Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3 SUTEX-LR745N3 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
More results

Similar Description - LR745

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
High Input Voltage SMPS Start-up / Linear Regulator
LR745 SUTEX-LR745 Datasheet
327Kb / 5P
High Input Voltage SMPS Start-up Circuit
LR645 SUTEX-LR645_07 Datasheet
812Kb / 9P
High Input Voltage SMPS Start-up / Linear Regulator
logo
SYNC POWER Crop.
SP689 SYNC-POWER-SP689 Datasheet
220Kb / 5P
Ultra High Voltage Start Up
logo
Supertex, Inc
LR745N8-G SUTEX-LR745N8-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
LR745N3-G SUTEX-LR745N3-G Datasheet
558Kb / 7P
High Input Voltage SMPS Start-up
logo
Lowpower Semiconductor ...
LP6205S POWER-LP6205S Datasheet
364Kb / 5P
1.3V Start-up Input Voltage
logo
International Rectifier
IRS25751LPBF IRF-IRS25751LPBF_15 Datasheet
610Kb / 13P
High-Voltage Start-Up IC
logo
STMicroelectronics
HVLED001 STMICROELECTRONICS-HVLED001 Datasheet
623Kb / 27P
800 V high voltage start-up
13-Jan-2015
logo
Infineon Technologies A...
IRS25751LPBF INFINEON-IRS25751LPBF Datasheet
610Kb / 13P
High-Voltage Start-Up IC
January 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com