Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR745 Datasheet(PDF) 6 Page - Microchip Technology

Part # LR745
Description  High-Input Voltage SMPS Start-up
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR745 Datasheet(HTML) 6 Page - Microchip Technology

Back Button LR745 Datasheet HTML 2Page - Microchip Technology LR745 Datasheet HTML 3Page - Microchip Technology LR745 Datasheet HTML 4Page - Microchip Technology LR745 Datasheet HTML 5Page - Microchip Technology LR745 Datasheet HTML 6Page - Microchip Technology LR745 Datasheet HTML 7Page - Microchip Technology LR745 Datasheet HTML 8Page - Microchip Technology LR745 Datasheet HTML 9Page - Microchip Technology LR745 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LR745
DS20005394A-page 6
 2015 Microchip Technology Inc.
FIGURE 3-2:
START-UP WAVEFORMS
12.0
8.0
4.0
0.0
30.0
20.0
10.0
0.0
PWM IC Start Threshold Voltage
LR7 V
OFF Trip Point
Auxiliary Supply Powers PWM IC
t
t
t
t
16.0
13.5
12.0
8.0
4.0
0.0
V
OUT
(V)
I
IN
(mA)
V
AUX
(V)
I
AUX
(mA)
V
AUX = 12V
I
AUX = 20mA
I
IN ≈ 0mA
3.0
2.0
1.0
0.0
Stage
I
Stage
II
Stage
III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com