Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR745 Datasheet(PDF) 7 Page - Microchip Technology

Part # LR745
Description  High-Input Voltage SMPS Start-up
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR745 Datasheet(HTML) 7 Page - Microchip Technology

Back Button LR745 Datasheet HTML 3Page - Microchip Technology LR745 Datasheet HTML 4Page - Microchip Technology LR745 Datasheet HTML 5Page - Microchip Technology LR745 Datasheet HTML 6Page - Microchip Technology LR745 Datasheet HTML 7Page - Microchip Technology LR745 Datasheet HTML 8Page - Microchip Technology LR745 Datasheet HTML 9Page - Microchip Technology LR745 Datasheet HTML 10Page - Microchip Technology LR745 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
 2015 Microchip Technology Inc.
DS20005394A-page 7
LR745
3.4
Block Diagram
FIGURE 3-3:
BLOCK DIAGRAM
LR745 is a high voltage, switch-mode power supply
start-up circuit which has 3 terminals: VIN, GND, and
VOUT. An input voltage range of 35 - 450V DC can be
applied directly at the input VIN pin. The output voltage,
VOUT, is monitored by the 2 comparators: comp1 and
comp2. An internal reference, VREF, and resistor
divider R1, R2, and R3set the nominal VOUT trip points
of 7.0V for comp1 and 13.25V for comp2.
When a voltage is applied on VIN, VOUT will start to
ramp up from 0V. When VOUT is less than 7.0V, the out-
put of comp1 will be at a logic high state, keeping the D
flip-flop in a reset state. The output of the D flip-flop, Q,
will be at logic low keeping transistor M2 off. The data
input for the D flip-flop, D, is internally connected to a
logic high. As VOUT becomes greater than 7.0V, comp1
will change to a logic low state. VOUT will continue to
increase, and the constant current source, typically
3.0mA output, will charge an external storage capaci-
tor. As VOUT reaches above 13.25V, the output of
comp2 will then switch from a logic high to a logic low
state. The D flip-flop’s output does not change state
since its clock input is designed to trigger only on a ris-
ing edge, logic low to logic high transition. When there
is no load connected to the output, the output voltage
will continue to increase until it reaches 21.5V, which is
the Zener voltage minus the threshold voltage of tran-
sistor M1. The Zener voltage is typically 23V, and the
threshold voltage of M1 is typically 1.5V. The Zener
diode is biased by resistor R4.
VOUT will start to decrease when it is connected to an
external load greater than the internal constant current
source, which is the case when the PWM IC starts up.
When VOUT falls below 13.25V, the output of comp2 will
switch from a logic low to a logic high. The output of
comp2 will clock in a logic 1 into the D flip-flop, causing
the D flip-flop’s output, Q, to switch from a logic low to
a logic high. Transistor M2 will then be turned on pulling
the gate of transistor M1 to ground, thereby turning
transistor M1 off. Transistor M1 will remain off as long
as VOUT is greater than 7.0V. Once VOUT decreases
below 7.0V, comp1 will reset the D flip-flop, thereby
turning transistor M2 off and transistor M1 back on.
CLK
Clock
Q
GND
R D
V
OUT
VOUT
VIN
M2
M
1
R
3
2.0 - 4.0mA
+
23V
-
V
Z
V
REF
Reset
-
comp1
+
-
comp1
+
R
2
R
1
R
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com