Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST72774 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 65Page - STMicroelectronics ST72774 Datasheet HTML 66Page - STMicroelectronics ST72774 Datasheet HTML 67Page - STMicroelectronics ST72774 Datasheet HTML 68Page - STMicroelectronics ST72774 Datasheet HTML 69Page - STMicroelectronics ST72774 Datasheet HTML 70Page - STMicroelectronics ST72774 Datasheet HTML 71Page - STMicroelectronics ST72774 Datasheet HTML 72Page - STMicroelectronics ST72774 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 144 page
background image
ST72774/ST727754/ST72734
69/144
SYNC PROCESSOR (SYNC) (Cont’d)
MUX CONTROL REGISTER (MCR)
Read/Write
Reset Value: 0010 0000 (20h)
Bit 7:6 = BP1, BP0
Back Porch Pulse control
Bit 5 = FBSEL
VSYNCO/HSYNCO or VFBACK/
HFBACK analysis
0: HFBACK & VFBACK
1: HSYNCO & VSYNCO
Bit 4 = SCI0
HSYNCI/CSYNCI selection
0: HSYNCI
1: CSYNCI
Bit 3:2 = HS1, HS0
Horizontal Signal selection
These bits allow inversion of the HSYNCI/CSYNCI
Note: In case of composite sync, if HSYNCO blanking is
enabled (HINH=0 in the ENR register), HS1 must =
1 (CLAMPOUT after HSYNCO rising edge not al-
lowed).
Bit 1 = VOP
Vertical Polarity control
The VOP bit inverts the VSYNCO Sync signal.
0: No polarity inversion (VSYNC0 <- VSYNCI)
1: Inversion enabled (VSYNC0 <- VSYNCI)
Note: If at each vertical input capture the VPOL bit is cop-
ied by software on the VOP bit, the VSYNCO signal
will have a constant positive polarity.
Note: The internally extracted VSYNCO has ALWAYS
negative polarity.
Bit 0 = Reserved. Must always be cleared.
70
BP1
BP0
FBSEL SCI0
HS1
HS0
VOP
-
BP1
BP0
Back Porch pulse width
0
0
No Back Porch, Moire output selected
01
167ns Back Porch ± 10 ns
1
0
333ns Back Porch ± 10 ns
1
1
666ns Back Porch ± 10 ns
HS1
HS0
HSYNCI Selection Mode
00
CLAMPOUT after HSYNCO rising edge
HSYNC0 <- (HSYNCI, CSYNCI)
01
CLAMPOUT after HSYNCO rising edge
HSYNC0 <- (HSYNCI, CSYNCI)
10
CLAMPOUT after HSYNCO falling edge
HSYNC0 <- (HSYNCI, CSYNCI)
11
CLAMPOUT after HSYNCO falling edge
HSYNC0 <- (HSYNCI,CSYNCI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com