Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST72774 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 10Page - STMicroelectronics ST72774 Datasheet HTML 11Page - STMicroelectronics ST72774 Datasheet HTML 12Page - STMicroelectronics ST72774 Datasheet HTML 13Page - STMicroelectronics ST72774 Datasheet HTML 14Page - STMicroelectronics ST72774 Datasheet HTML 15Page - STMicroelectronics ST72774 Datasheet HTML 16Page - STMicroelectronics ST72774 Datasheet HTML 17Page - STMicroelectronics ST72774 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 144 page
background image
ST72774/ST727754/ST72734
14/144
1.4 External connections
The following figure shows the recommended ex-
ternal connections for the device.
The VPP pin is only used for programming OTP
and EPROM devices and must be tied to ground in
user mode.
The 10 nF and 0.1 µF decoupling capacitors on
the power supply lines are a suggested EMC per-
formance/cost tradeoff.
The external reset network (including the manda-
tory 1K serial resistor) is intended to protect the
device against parasitic resets, especially in noisy
environments.
Unused I/Os should be tied high to avoid any un-
necessary power consumption on floating lines.
An alternative solution is to program the unused
ports as inputs with pull-up.
Figure 4. Recommended External Connections
VPP
VDD
VSS
OSCIN
OSCOUT
RESET
VDD
0.1µF
+
See
Clocks
Section
VDD
0.1µF
0.1µF
EXTERNAL RESET CIRCUIT
Or configure unused I/O ports
Unused I/O
10nF
4.7K
10K
by software as input with pull-up
VDD
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com