Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST72774 Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 94Page - STMicroelectronics ST72774 Datasheet HTML 95Page - STMicroelectronics ST72774 Datasheet HTML 96Page - STMicroelectronics ST72774 Datasheet HTML 97Page - STMicroelectronics ST72774 Datasheet HTML 98Page - STMicroelectronics ST72774 Datasheet HTML 99Page - STMicroelectronics ST72774 Datasheet HTML 100Page - STMicroelectronics ST72774 Datasheet HTML 101Page - STMicroelectronics ST72774 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 144 page
background image
ST72774/ST727754/ST72734
98/144
DDC INTERFACE (Cont’d)
4.8.4 I2C BUS Protocol
A standard I2C communication is normally based
on four parts: START condition, device slave
address transmission, data transfer and STOP
condition. They are described brielfly in the
following section and illustrated in Figure 58 (for
more details, refer to the I2C bus specification).
4.8.4.1 START condition
When the bus is free (both SCL and SDA lines are
at
a
high
level),
a
master
can
initiate
a
communication by sending a START signal. This
signal is defined as a high-to-low transition of SDA
while SCL is stable high. The bus is considered to
be busy after a START condition.
This
START
condition
must
precede
any
command for data transfer.
4.8.4.2 Slave Address Transmission
The first byte following a START condition is the
slave address transmitted by the master. This
address is 7-bit long followed by an 8th bit (Least
significant bit: LSB) which is the data direction bit
(R/W bit).
– A “0” indicates a transmission (WRITE) from the
master to the slave.
– A “1” indicates a request for data (READ) from
the slave to the master.
If a slave device is present on the bus at the given
address, an Acknowledge will be generated on the
9th clock pulse.
4.8.4.3 Data Transfer
Once the slave address is acknowledged, the data
transfer can proceed in the direction given by the
R/W bit sent in the address.
Data is transferred with the most significant bit
(MSB) first. Data bits can be changed only when
SCL is low and must be held stable when SCL is
high.
One complete data byte transfer requires 9 clock
pulses: 8 bits + 1 acknowledge bit.
4.8.4.4 Acknowledge Bit (ACK / NACK)
Every byte put on the SDA line is 8-bit long
followed by an acknowledge bit.
This bit is used to indicate a successful data
transfer. The bus transmitter, either master or
slave, releases the SDA line during the 9th clock
period (after sending all 8 bits of data), then:
– To generate an Acknowledge (ACK) of the cur-
rent byte, the receiver pulls the SDA line low.
– To generate a No-Acknowledge (NACK) of the
current byte, the receiver releases the SDA line
(hence at a high level).
4.8.4.5 STOP Condition
A STOP condition is defined by a low-to-high
transition of SDA while SCL is stable high. It ends
the communication between the Interface and the
bus master.
Figure 58. I2C Signal Diagram
SDA
SCL
Start
Ack
A0h
Device Slave Address
00h
Data Address
Ack
Ack
Data1(B0h)
DataN(F0h) Ack STOP
WRITE DATA TO I2C DEVICE (Slave Address A0h)
SDA
SCL
Start
Ack
A1h
Device Slave Address
Data1(00h) Ack
Ack
Data2(B0h)
DataN(F0h) Nack STOP
READ DATA FROM I2C DEVICE (Slave Address A1h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com