Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST72774 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST72774
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72774 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST72774 Datasheet HTML 76Page - STMicroelectronics ST72774 Datasheet HTML 77Page - STMicroelectronics ST72774 Datasheet HTML 78Page - STMicroelectronics ST72774 Datasheet HTML 79Page - STMicroelectronics ST72774 Datasheet HTML 80Page - STMicroelectronics ST72774 Datasheet HTML 81Page - STMicroelectronics ST72774 Datasheet HTML 82Page - STMicroelectronics ST72774 Datasheet HTML 83Page - STMicroelectronics ST72774 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 144 page
background image
ST72774/ST727754/ST72734
80/144
USB INTERFACE (Cont’d)
4.6.4 Register Description
DMA ADDRESS REGISTER (DMAR)
Read / Write
Reset Value: Undefined
Bits 7:0=DA[15:8]
DMA address bits 15-8.
See the description of bits DA7-6 in the next
register (IDR).
INTERRUPT/DMA REGISTER (IDR)
Read / Write
Reset Value: xxxx 0000 (x0h)
Bits 7:6 = DA[7:6]
DMA address bits 7-6.
The software must write the start address of the
DMA memory area whose most significant bits are
given by DA15-DA6. The remaining 6 address bits
are set by hardware. See Figure 51.
Bits 5:4 = EP[1:0]
Endpoint number (read-only).
These bits identify the endpoint which required
attention.
00: Endpoint 0
01: Endpoint 1
10: Endpoint 2
When a CTR interrupt occurs (see register ISTR)
the software should read the EP bits to identify the
endpoint which has sent or received a packet.
Bits 3:0 = CNT[3:0]
Byte count (read only).
This field shows how many data bytes have been
received during the last data reception.
Note: Not valid for data transmission.
Figure 51. DMA buffers
70
DA15
DA14
DA13
DA12
DA11
DA10
DA9
DA8
70
DA7
DA6
EP1
EP0
CNT3
CNT2
CNT1
CNT0
Endpoint 0 RX
Endpoint 0 TX
Endpoint 2 RX
Endpoint 1 TX
000000
000111
001000
001111
010000
010111
011000
011111
DA15-6,000000
Endpoint 1 RX
Endpoint 2 TX
100000
100111
101000
101111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com