Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5301 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS5301
Description  Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5301 Datasheet HTML 2Page - ON Semiconductor CS5301 Datasheet HTML 3Page - ON Semiconductor CS5301 Datasheet HTML 4Page - ON Semiconductor CS5301 Datasheet HTML 5Page - ON Semiconductor CS5301 Datasheet HTML 6Page - ON Semiconductor CS5301 Datasheet HTML 7Page - ON Semiconductor CS5301 Datasheet HTML 8Page - ON Semiconductor CS5301 Datasheet HTML 9Page - ON Semiconductor CS5301 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CS5301
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 8.0 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RROSC = 53.6 k, CCOMP = 0.1 µF, CREF = 0.1 µF, DAC Code 10000, CVCC = 1.0 µF, ILIM ≥ 1.0 V;
unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Voltage Feedback Error Amplifier
VFB Bias Current, (Note 2)
0.9 V < VFB < 1.8 V
5.5
6.0
6.5
µA
COMP Source Current
COMP = 0.5 V to 2.0 V;
VFB = 1.6 V; DAC = 00000
15
30
60
µA
COMP Sink Current
COMP = 0.5 V to 2.0 V;
VFB = 1.8 V; DAC = 00000
15
30
60
µA
COMP Discharge Threshold Voltage
0.20
0.27
0.34
V
Transconductance
–10
µA < ICOMP < +10 µA
32
mmho
Output Impedance
2.5
M
Open Loop DC Gain
Note 3.
60
90
dB
Unity Gain Bandwidth
0.01
µF COMP Capacitor
400
kHz
PSRR @ 1.0 kHz
70
dB
COMP Max Voltage
VFB = 1.65 V COMP Open;
DAC = 00000
2.4
2.7
V
COMP Min Voltage
VFB = 1.8 V COMP Open;
DAC = 00000
0.1
0.2
V
Hiccup Latch Discharge Current
2
5.0
10
µA
PWM Comparators
Minimum Pulse Width
Measured from CSx to GATE(H),
V(VFB) = V(CSREF) = 0 V,
V(COMP) = 0.5 V, 60 mV step
applied between VCSX and VCREF
350
515
ns
Channel Startup Offset
V(CS1) = V(CS2) = V(CS3) =
V(VFB) = V(CSREF) = 0 V;
Measure V(COMP) when
GATE1(H), 2(H), 3(H) switch high
0.3
0.4
0.5
V
GATE(H) and GATE(L)
High Voltage (AC)
Note 3. Measure VCCLX – GATE(L)
or VCCHX – GATE(H)
0
1.0
V
Low Voltage (AC)
Note 3. Measure GATE(L)
or GATE(H)
0
0.5
V
Rise Time GATE(H)x
1.0 V < GATE < 8.0 V; VCCHX = 10 V
35
80
ns
Rise Time GATE(L)x
1.0 V < GATE < 8.0 V; VCCLX = 10 V
35
80
ns
Fall Time GATE(H)x
8.0 V > GATE > 1.0 V; VCCHX = 10 V
35
80
ns
Fall Time GATE(L)x
8.0 V > GATE > 1.0 V; VCCLX = 10 V
35
80
ns
GATE(H) to GATE(L) Delay
GATE(H) < 2.0 V, GATE(L) > 2.0 V
30
65
110
ns
GATE(L) to GATE(H) Delay
GATE(L) < 2.0 V, GATE(H) > 2.0 V
30
65
110
ns
GATE Pull–down
Force 100
µA into GATE Driver
with VCCHX = VCCLX = 2.0 V
1.2
1.6
V
2. The VFB Bias Current changes with the value of RROSC per Figure 4.
3. Guaranteed by design. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com