Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5301 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS5301
Description  Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301 Datasheet(HTML) 5 Page - ON Semiconductor

  CS5301 Datasheet HTML 1Page - ON Semiconductor CS5301 Datasheet HTML 2Page - ON Semiconductor CS5301 Datasheet HTML 3Page - ON Semiconductor CS5301 Datasheet HTML 4Page - ON Semiconductor CS5301 Datasheet HTML 5Page - ON Semiconductor CS5301 Datasheet HTML 6Page - ON Semiconductor CS5301 Datasheet HTML 7Page - ON Semiconductor CS5301 Datasheet HTML 8Page - ON Semiconductor CS5301 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
CS5301
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 8.0 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RROSC = 53.6 k, CCOMP = 0.1 µF, CREF = 0.1 µF, DAC Code 10000, CVCC = 1.0 µF, ILIM ≥ 1.0 V;
unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Power Good Output
1
1
1
0
1
0.950
0.975
1.000
V
1
1
1
0
0
0.974
1.000
1.025
V
1
1
0
1
1
0.998
1.024
1.050
V
1
1
0
1
0
1.021
1.048
1.075
V
1
1
0
0
1
1.045
1.073
1.100
V
1
1
0
0
0
1.069
1.097
1.125
V
1
0
1
1
1
1.093
1.122
1.150
V
1
0
1
1
0
1.116
1.146
1.175
V
1
0
1
0
1
1.140
1.170
1.200
V
1
0
1
0
0
1.164
1.195
1.225
V
1
0
0
1
1
1.188
1.219
1.250
V
1
0
0
1
0
1.211
1.243
1.275
V
1
0
0
0
1
1.235
1.268
1.300
V
1
0
0
0
0
1.259
1.292
1.325
V
0
1
1
1
1
1.283
1.316
1.350
V
0
1
1
1
0
1.306
1.341
1.375
V
0
1
1
0
1
1.330
1.365
1.400
V
0
1
1
0
0
1.354
1.389
1.425
V
0
1
0
1
1
1.378
1.414
1.450
V
0
1
0
1
0
1.401
1.438
1.475
V
0
1
0
0
1
1.425
1.463
1.500
V
0
1
0
0
0
1.449
1.487
1.525
V
0
0
1
1
1
1.473
1.511
1.550
V
0
0
1
1
0
1.496
1.536
1.575
V
0
0
1
0
1
1.520
1.560
1.600
V
0
0
1
0
0
1.544
1.584
1.625
V
0
0
0
1
1
1.568
1.609
1.650
V
0
0
0
1
0
1.591
1.633
1.675
V
0
0
0
0
1
1.615
1.658
1.700
V
0
0
0
0
0
1.639
1.682
1.725
V
Switch Leakage Current
PWRGD = 5.5 V
PWRGDS = 1.60 V
0.1
10.0
µA
Delay
PWRGDS low to PWRGD low
25
50
125
µs
Output Low Voltage
PWRGDS = 1.0 V
IPWRGD = 4.0 mA
0.15
0.40
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com