Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5301 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS5301
Description  Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS5301 Datasheet HTML 5Page - ON Semiconductor CS5301 Datasheet HTML 6Page - ON Semiconductor CS5301 Datasheet HTML 7Page - ON Semiconductor CS5301 Datasheet HTML 8Page - ON Semiconductor CS5301 Datasheet HTML 9Page - ON Semiconductor CS5301 Datasheet HTML 10Page - ON Semiconductor CS5301 Datasheet HTML 11Page - ON Semiconductor CS5301 Datasheet HTML 12Page - ON Semiconductor CS5301 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CS5301
http://onsemi.com
9
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
1
COMP
Output of the error amplifier and input for the PWM
comparators.
2
VFB
Voltage Feedback Pin. To use Adaptive Voltage Positioning
(AVP) select an offset voltage at light load and connect a
resistor between VFB and VOUT. The input bias current of the
VFB pin and the resistor value determine output voltage offset
for zero output current. Short VFB to VOUT for no AVP.
3
VDRP
Current sense output for AVP. The offset of this pin above the
DAC voltage is proportional to the output current. Connect a
resistor from this pin to VFB to set amount AVP or leave this
pin open for no AVP.
4–6
CS1–CS3
Current sense inputs. Connect current sense network for the
corresponding phase to each input.
7
CSREF
Reference for current sense amplifiers. To balance input
offset voltages between the inverting and noninverting inputs
of the Current Sense Amplifiers, connect a resistor between
CSREF and the output voltage. The value should be 1/3 of
the value of the resistors connected to the CSx pins.
8
PWRGD
Power Good Output. Open collector output goes low when
CSREF is out of regulation.
9–13
VID4–VID0
Voltage ID DAC inputs. These pins are internally pulled up to
3.3 V if left open.
14
PWRGDS
Power Good Sense. Connect to Output.
15
ILIM
Sets threshold for current limit. Connect to reference through
a resistive divider.
16
REF
Reference output. Decouple with 0.1
µF to LGND.
17
LGND
Return for internal control circuits and IC substrate connection.
18
VCCH3
Power for GATE(H)3.
19
Gate(H)3
High side driver #3.
20
GND3
Return for #3 drivers.
21
Gate(L)3
Low side driver #3.
22
VCCL23
Power for GATE(L)2 and GATE(L)3.
23
Gate(L)2
Low side driver #2.
24
GND2
Return for #2 driver.
25
Gate(H)2
High side driver #2.
26
VCCH12
Power for GATE(H)1 and GATE(H)2. UVLO Sense for High
Side Driver supply connects to this pin.
27
Gate(H)1
High side driver #1.
28
GND1
Return #1 drivers.
29
Gate(L)1
Low side driver #1.
30
VCCL1
Power for GATE(L)1.
31
VCCL
Power for internal control circuits and UVLO Sense for Logic.
32
ROSC
A resistor from this pin to ground sets operating frequency
and VFB bias current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com