Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5301 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS5301
Description  Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5301 Datasheet(HTML) 4 Page - ON Semiconductor

  CS5301 Datasheet HTML 1Page - ON Semiconductor CS5301 Datasheet HTML 2Page - ON Semiconductor CS5301 Datasheet HTML 3Page - ON Semiconductor CS5301 Datasheet HTML 4Page - ON Semiconductor CS5301 Datasheet HTML 5Page - ON Semiconductor CS5301 Datasheet HTML 6Page - ON Semiconductor CS5301 Datasheet HTML 7Page - ON Semiconductor CS5301 Datasheet HTML 8Page - ON Semiconductor CS5301 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CS5301
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (0
°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 8.0 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RROSC = 53.6 k, CCOMP = 0.1 µF, CREF = 0.1 µF, DAC Code 10000, CVCC = 1.0 µF, ILIM ≥ 1.0 V;
unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Voltage Identification DAC (0 = Connected to GND; 1 = Open or Pull–up to internal 3.3 V or external 5.0 V)
1
1
0
0
1
1.225
1.089
1.100
1.111
V
1
1
0
0
0
1.250
1.114
1.125
1.136
V
1
0
1
1
1
1.275
1.139
1.150
1.162
V
1
0
1
1
0
1.300
1.163
1.175
1.187
V
1
0
1
0
1
1.325
1.188
1.200
1.212
V
1
0
1
0
0
1.350
1.213
1.225
1.237
V
1
0
0
1
1
1.375
1.238
1.250
1.263
V
1
0
0
1
0
1.400
1.263
1.275
1.288
V
1
0
0
0
1
1.425
1.287
1.300
1.313
V
1
0
0
0
0
1.450
1.312
1.325
1.338
V
0
1
1
1
1
1.475
1.337
1.350
1.364
V
0
1
1
1
0
1.500
1.361
1.375
1.389
V
0
1
1
0
1
1.525
1.386
1.400
1.414
V
0
1
1
0
0
1.550
1.411
1.425
1.439
V
0
1
0
1
1
1.575
1.436
1.450
1.465
V
0
1
0
1
0
1.600
1.460
1.475
1.490
V
0
1
0
0
1
1.625
1.485
1.500
1.515
V
0
1
0
0
0
1.650
1.510
1.525
1.540
V
0
0
1
1
1
1.675
1.535
1.550
1.566
V
0
0
1
1
0
1.700
1.560
1.575
1.591
V
0
0
1
0
1
1.725
1.584
1.600
1.616
V
0
0
1
0
0
1.750
1.609
1.625
1.641
V
0
0
0
1
1
1.775
1.634
1.650
1.667
V
0
0
0
1
0
1.800
1.658
1.675
1.692
V
0
0
0
0
1
1.825
1.683
1.700
1.717
V
0
0
0
0
0
1.850
1.708
1.725
1.742
V
Input Threshold
VID4, VID3, VID2, VID1, VID0
1.00
1.25
1.50
V
Input Pull–up Resistance
VID4, VID3, VID2, VID1, VID0
25
50
100
k
Pull–up Voltage
3.15
3.30
3.45
V
Power Good Output
Upper Threshold
Force PWRGDS
1.9 (–5%)
2.0
2.1 (+5%)
V
Lower Threshold
Force PWRGDS
0.95
× (VID
125 mV)
or –2.6%
from nominal
PWRGD
Threshold
0.975
× (VID
125 mV)
VID
125 mV
or +2.6%
from nominal
PWRGD
Threshold
V
VID4
VID3
VID2
VID1
VID0
1
1
1
1
0
0.926
0.951
0.975
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com