Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IX9907N Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX9907N
Description  Single stage, primary control with PFC and dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9907N Datasheet(HTML) 4 Page - IXYS Corporation

  IX9907N Datasheet HTML 1Page - IXYS Corporation IX9907N Datasheet HTML 2Page - IXYS Corporation IX9907N Datasheet HTML 3Page - IXYS Corporation IX9907N Datasheet HTML 4Page - IXYS Corporation IX9907N Datasheet HTML 5Page - IXYS Corporation IX9907N Datasheet HTML 6Page - IXYS Corporation IX9907N Datasheet HTML 7Page - IXYS Corporation IX9907N Datasheet HTML 8Page - IXYS Corporation IX9907N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9907
4
www.ixysic.com
R02
1.4 Electrical Characteristics
TJ = - 25°C to +125°, VCC=18V unless otherwise noted.
1.4.1 Power Supply
1.4.2 Internal Voltage Reference
1.4.3 PWM Section
1.4.4 Current Sense
1.4.5 Soft Start
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Supply Current in Normal Operation
Power Switch OFF
ICC
-1.8
2.9
mA
VCC Turn-On Threshold
-
VCCon
17
18
19
V
VCC Turn-Off Threshold
-
VCCoff
9.8
10.5
11.2
V
VCC Turn-On/Off Hysteresis
-
VCChys
-7.5
-
V
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Internal Reference Voltage
Measured at VR Pin, IVR=0
VVR
4.8
5
5.2
V
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
VR Pull-Up Resistor
-
RVR
11
19
27
k
PWM-OP Gain
-
GPWM
2.95
3
3.05
-
Offset for Voltage Ramp
-
VPWM
0.7
0.77
0.85
V
Maximum On-Time in Normal Operation
-
tonMax
22
30
41
s
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Current Sense Threshold
-
VCSTH
0.97
1.03
1.09
V
Leading Edge Blanking Time
-
tBLKCS
270
450
630
ns
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Soft-Start Time
-
tSS
8.5
12
-
ms
Soft-Start Time Step
-
tSS-S
-3
-
ms
Internal Regulation Voltage at First Step
-
VSS1
-1.76
-
V
Internal Regulation Voltage Step at Soft Start
-
VSS-S
-0.56
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com