Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IX9907N Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX9907N
Description  Single stage, primary control with PFC and dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9907N Datasheet(HTML) 1 Page - IXYS Corporation

  IX9907N Datasheet HTML 1Page - IXYS Corporation IX9907N Datasheet HTML 2Page - IXYS Corporation IX9907N Datasheet HTML 3Page - IXYS Corporation IX9907N Datasheet HTML 4Page - IXYS Corporation IX9907N Datasheet HTML 5Page - IXYS Corporation IX9907N Datasheet HTML 6Page - IXYS Corporation IX9907N Datasheet HTML 7Page - IXYS Corporation IX9907N Datasheet HTML 8Page - IXYS Corporation IX9907N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX9907-R02
www.ixysic.com
1
IX9907
High Voltage, Dimmable
LED Driver with PFC Control
Features
Internal 650V, 2
 power MOSFET
Single stage, primary control with PFC and dimming
features
>90% efficiency
Power factor >98%
Wide operating voltage range
Digital soft-start
Foldback correction and cycle-by-cycle peak current
control
Output over-current and over-voltage protection
Over-temperature protection
Under-voltage lockout
Applications
Incandescent Bulb Replacement
Solid State Lighting
Industrial and Commercial Lighting
Description
The IX9907 is a quasi-resonant controller optimized
for phase-cut dimmable, off-line LED applications.
Precise PWM generation supports phase-cut dimming
and power factor correction.
The IX9907 incorporates an internal 650V power
MOSFET. It has a wide voltage operating range and
low power consumption. Multiple safety features
ensure full system protection under fault conditions.
With its strong feature set and low cost, the IX9907 is
an excellent choice for quasi-resonant, off-line flyback
LED bulb designs.
The IX9907 is available in a standard 8-pin SOIC
package.
Ordering Information
IX9907 Functional Block Diagram
Part
Description
IX9907N
8-Pin SOIC (100/Tube)
IX9907NTR
8-Pin SOIC (2000/Reel)
Ringing
Suppress
Blanking
Reference Voltage
Generator
V
CC Monitor
Over - Under
Voltage Lockout
Gate
Control
Control
Logic
Soft-Start
Control
Analog
Mux
LPF
Leading
Edge
Blanking
PFC
Leading
Edge
Blanking
Foldback
Sense Amp
Foldback
Correction
Over-Temp
Sensor
Leading
Edge
Blanking
ZCV
VR
CS
GND
V
CC
Over-Voltage Protection
Shorted Winding Detection
DRAIN
SOURCE


Similar Part No. - IX9907N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX9908 IXYS-IX9908 Datasheet
1Mb / 10P
High Voltage, Dimmable LED Driver with PFC Control
IX9908N IXYS-IX9908N Datasheet
1Mb / 10P
High Voltage, Dimmable LED Driver with PFC Control
IX9908NTR IXYS-IX9908NTR Datasheet
1Mb / 10P
High Voltage, Dimmable LED Driver with PFC Control
More results

Similar Description - IX9907N

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454 Datasheet
1Mb / 12P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
LNK454_1011 POWERINT-LNK454_1011 Datasheet
1Mb / 20P
LED Driver IC with TRIAC Dimming, Single-Stage PFC and Constant Current Control for Non-Isolated Applications
logo
Fairchild Semiconductor
FL7732 FAIRCHILD-FL7732 Datasheet
1Mb / 13P
Single-Stage PFC Primary-Side-Regulation Offline
logo
Taiwan Semiconductor Co...
TS19704 TSC-TS19704 Datasheet
160Kb / 7P
Single-Stage Primary-Side Control with High PFC LED Driver
logo
Power Integrations, Inc...
LNK454 POWERINT-LNK454_11 Datasheet
2Mb / 20P
LED Driver IC with TRIAC Dimming Single Stage PFC and Constant Current Control for Non Isolated Applications
logo
Taiwan Semiconductor Co...
TS19705 TSC-TS19705 Datasheet
359Kb / 7P
Single-Stage PFC Primary-Side-Regulation LED Driver
logo
Monolithic Power System...
MP4054A MPS-MP4054A Datasheet
1Mb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
MP4027 MPS-MP4027 Datasheet
648Kb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
logo
Power Integrations, Inc...
LNK403 POWERINT-LNK403_V01 Datasheet
1Mb / 20P
Single-Stage PFC, Primary-Side Constant Current Control and TRIAC Dimming/Non-Dimming Options
June 2015
LYT4211 POWERINT-LYT4211 Datasheet
3Mb / 42P
Single-Stage Accurate Primary-Side Constant Current (CC) Controller with PFC for Low-Line Applications with TRIAC Dimming and Non-Dimming Options
November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com