Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IX9907N Datasheet(PDF) 8 Page - IXYS Corporation

Part # IX9907N
Description  Single stage, primary control with PFC and dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9907N Datasheet(HTML) 8 Page - IXYS Corporation

Back Button IX9907N Datasheet HTML 2Page - IXYS Corporation IX9907N Datasheet HTML 3Page - IXYS Corporation IX9907N Datasheet HTML 4Page - IXYS Corporation IX9907N Datasheet HTML 5Page - IXYS Corporation IX9907N Datasheet HTML 6Page - IXYS Corporation IX9907N Datasheet HTML 7Page - IXYS Corporation IX9907N Datasheet HTML 8Page - IXYS Corporation IX9907N Datasheet HTML 9Page - IXYS Corporation IX9907N Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9907
8
www.ixysic.com
R02
The variation in AC line voltage is sensed by way of
the auxiliary winding and an internal clamp and
current sense circuit. When the power switch is on, a
negative voltage proportional to the line voltage is
coupled to the auxiliary winding; the IX9907 will hold
the ZCV pin very close to ground during this time. The
line voltage is thus sensed indirectly through the
current in RZCV1. This current is given by:
The device uses IZCV to vary the VCS limit as shown in
Figure 4. The actual implementation is digital and is
shown below.
Figure 4 VCS vs. IZC
2.2.4 Protection Functions
The IX9907 provides comprehensive protection
features. They are summarized in the table below:
OUTPUT OVER-VOLTAGE
During the power switch off-time the auxiliary winding
voltage (VAUX) will swing positive and in proportion to
the secondary voltage. VAUX is connected to ZCV
through a resistor divider. If the voltage at ZCV
exceeds a preset threshold (VZCVOVP) for longer than
the blanking time (tZCVOVP), then the IC is latched off.
SHORTED WINDING
If the voltage at CS exceeds a preset threshold
(VCSSW) during the power switch on time the device is
latched off.
OVER-TEMPERATURE
If the die temperature exceeds 140°C, then the device
will enter the Auto-Restart Mode.
VCC OVER-VOLTAGE / UNDER-VOLTAGE
The IX9907 continuously monitors the VCC voltage. In
case of an over-voltage event, the power switch is
turned off and VCC will begin to fall. Once VCC goes
below VCCoff (10.5V nominal), and is recharged up to
VCCon (18.0V nominal), the device initiates a new
soft-start. For an under-voltage event the operation is
the same except that the sequence begins with
VCC < VCCoff so the power switch is off and VCC starts
to be charged through an external transistor. This
operation describes the Auto-Restart Mode.
During Latch-Off Mode, the line voltage must be
turned off and on again to begin normal operation.
I
ZCV
V
IN
Na
R
ZCV1
Np
-----------------------------
=
I
ZC (µA)
200
600
1000
1400
1800
2200
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
V
CS vs. IZC
Fault Condition
Action Taken
Output Over-Voltage
Power Switch Latched Off
Shorted Winding
Power Switch Latched Off
Over-Temperature
Auto-Restart Mode
VCC Over-Voltage
Power Switch Latched Off
VCC Under-Voltage
Auto-Restart Mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com