Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IX9907N Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX9907N
Description  Single stage, primary control with PFC and dimming
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX9907N Datasheet(HTML) 5 Page - IXYS Corporation

  IX9907N Datasheet HTML 1Page - IXYS Corporation IX9907N Datasheet HTML 2Page - IXYS Corporation IX9907N Datasheet HTML 3Page - IXYS Corporation IX9907N Datasheet HTML 4Page - IXYS Corporation IX9907N Datasheet HTML 5Page - IXYS Corporation IX9907N Datasheet HTML 6Page - IXYS Corporation IX9907N Datasheet HTML 7Page - IXYS Corporation IX9907N Datasheet HTML 8Page - IXYS Corporation IX9907N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
IX9907
R02
www.ixysic.com
5
1.4.6 Foldback Point Correction
1.4.7 Digital Zero Crossing
1.4.8 Protection
1.4.9 Output Switch
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
ZCV Current First Step Threshold
-
IZCV_FS
0.35
0.5
0.621
mA
ZCV Current Last Step Threshold
-
IZCV_LS
1.3
1.85
2.3
mA
CS Threshold Minimum
IZC = 2.3 mA, VVR = 3.0VVCSMF
-0.66
-
V
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Zero Crossing Voltage
-
VZCVCT
50
100
170
mV
Ringing Suppression Threshold
-
VZCVRS
-0.7
-
V
Minimum Ringing Suppression Time
VZC > VZCRS
tZCRS1
1.62
2.5
4.5
s
Maximum Ringing Suppression Time
VZC < VZCRS
tZCRS2
-42-
s
Maximum Restart Time in Normal Operation
-
tOffMax
30
42
57.5
s
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
VCC Overvoltage Threshold
-
VCCOVP
23
25
26
V
Output Overvoltage Detection Threshold at the ZCV Pin
-
VZCVOVP
3.3
3.45
3.6
V
Blanking Time for Output Overvoltage Protection
-
tZCVOVP
-100
-
s
Threshold for Short Winding Protection
-
VCSSW
1.58
1.68
1.78
V
Blanking Time for Short Winding Protection
-
tCSSW
-190
-
ns
Thermal Shutdown Temperature
Temperature Increasing
TJTSD
-140
-
°C
Parameter
Conditions
Symbol
Minimum
Typical
Maximum
Unit
Drain-Source On-State On-resistance
IDRAIN=50mA, TJ=25°C
RDS(ON)
-2.0
2.3
IDRAIN=50mA, TJ=125°C
-3.4
4
Drain-Source Leakage Current
VDRAIN=650V
IDSS
-0.6
100
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com