Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS29F010 Datasheet(PDF) 4 Page - Micross Components

Part # AS29F010
Description  Flexible sector architecture
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29F010 Datasheet(HTML) 4 Page - Micross Components

  AS29F010 Datasheet HTML 1Page - Micross Components AS29F010 Datasheet HTML 2Page - Micross Components AS29F010 Datasheet HTML 3Page - Micross Components AS29F010 Datasheet HTML 4Page - Micross Components AS29F010 Datasheet HTML 5Page - Micross Components AS29F010 Datasheet HTML 6Page - Micross Components AS29F010 Datasheet HTML 7Page - Micross Components AS29F010 Datasheet HTML 8Page - Micross Components AS29F010 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
FLASH
AS29F010
Micross Components reserves the right to change products or specifications without notice.
4
AS29F010
Rev. 2.6 11/10
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the inter-
nal command register. The command register itself does not
occupy any addressable memory location. The register is
composed of latches that store the commands, along with the
address and data information needed to execute the command.
The contents of the register serve as inputs to the internal state
machine. The state machine outputs dictate the function of
the device. The appropriate device bus operations table lists
the inputs and control levels required, and the resulting output.
The following subsections describe each of these operations in
further detail.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive
the CE\ and OE\ pins to V
IL. CE\ is the power control and
selects the device. OE\ is the output control and gates array
data to the output pins. WE\ should remain at V
IH.
The internal state machine is set for reading array data upon
device power-up, or after a hardware reset. This ensures that
no spurious alteration of the memory content occurs
during
the power transition. No command is necessary in this mode
to obtain array data. Standard microprocessor read cycles that
assert valid addresses on the device address inputs
produce
valid data on the device data outputs. The device remains en-
abled for read access until the command register contents are
altered.
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifications and
to the Read Operations Timings diagram for the timing wave-
forms. ICC1 in the DC Characteristics table represents the
active current specification for reading array data.
TABLE 1: DEVICE BUS OPERATIONS
OPERATION
CE\
OE\
WE\
Addresses
1 DQ0 - DQ7
Read
L
L
H
AIN
DOUT
Write
L
H
L
AIN
DIN
Standby
VCC ± 0.5V
X
X
X
High-Z
Output Disable
L
H
H
X
High-Z
Hardware Reset
X
X
X
X
High-Z
NOTES:
1. Addresses are A16:A0.
2. The sector protect and sector unprotect functions must be implemented via programming equipment. See the “Sector Protection/Unprotection” section.
Writing Commands/Command Sequences
To write a command or command sequence (which includes
programming data to the device and erasing sectors of memory),
the system must drive WE\ and CE\ to V
IL, and OE\ to VIH.
An erase operation can erase one sector, multiple sectors,
or the entire device. The Sector Address Tables indicate the
address space that each sector occupies. A “sector address” con-
sists of the address bits required to uniquely select a
sector.
See the “Command Definitions” section for details on erasing
a sector or the entire chip.
After the system writes the autoselect command sequence,
the device enters the autoselect mode. The system can then read
autoselect codes from the internal register (which is
separate
from the memory array) on DQ7 - DQ0. Standard read cycle
timings apply in this mode. Refer to the “Autoselect Mode”
and “Autoselect Command Sequence” sections for more infor-
mation.
I
CC2 in the DC Characteristics table represents the active
current specification for the write mode. The “AC Character-
istics” section contains timing specification tables and timing
diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status bits
on DQ7 - DQ0. Standard read cycle timings and I
CC read
specifications apply. Refer to “Write Operation Status” for
more information, and to each AC Characteristics section in
the appropriate data sheet for timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com