Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS29F010 Datasheet(PDF) 18 Page - Micross Components

Part # AS29F010
Description  Flexible sector architecture
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29F010 Datasheet(HTML) 18 Page - Micross Components

Back Button AS29F010 Datasheet HTML 14Page - Micross Components AS29F010 Datasheet HTML 15Page - Micross Components AS29F010 Datasheet HTML 16Page - Micross Components AS29F010 Datasheet HTML 17Page - Micross Components AS29F010 Datasheet HTML 18Page - Micross Components AS29F010 Datasheet HTML 19Page - Micross Components AS29F010 Datasheet HTML 20Page - Micross Components AS29F010 Datasheet HTML 21Page - Micross Components AS29F010 Datasheet HTML 22Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
FLASH
AS29F010
Micross Components reserves the right to change products or specifications without notice.
18
AS29F010
Rev. 2.6 11/10
AC CHARACTERISTICS: Erase and Program Operations
JEDEC
Std
-50
-60
-70
90
-120
-150
Write Cycle Time
1
MIN
tAVAV
tWC
50
60
70
90
120
150
ns
Address Setup Time
MIN
tAVEL
tAS
ns
Address Hold Time
MIN
tELAX
tAH
40
45
45
45
50
50
ns
Data Setup Time
MIN
tDVEH
tDS
25
30
30
45
50
50
ns
Data Hold Time
MIN
tEHDX
tDH
ns
Output Enable Setup Time
1
MIN
tOES
ns
Read Recover Time Before Write
MIN
tGHEL
tGHEL
ns
WE\ Setup Time
MIN
tWLEL
tWS
ns
WE\ Hold Time
MIN
tEHWH
tWH
ns
CE\ Pulse Width
MIN
tELEH
tCP
25
30
35
45
50
50
ns
CE\ Pulse Width High
MIN
tEHEL
tCPH
ns
Byte Programming Operation
2
MIN tWHWH1 tWHWH1
μs
Chip/Sector Erase Operation
2
MAX tWHWH2 tWHWH2
sec
0
0
0
20
14
15
SYMBOL
PARAMETER
UNITS
0
0
0
SPEED OPTIONS
NOTES:
1. Not 100% tested.
2. See the “Erase and Programming Performance” section for more information.
FIGURE 13: AC CHARACTERISTICS, Alternate CE\ Controlled
Write Operation Timings
NOTES:
1. PA = program address, PD = program data, SA = sector address, DQ7\ = complement of data input, D
OUT = array data.
2. Figure indicates the last two bus cycles of the command sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com