Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS29F010 Datasheet(PDF) 26 Page - Micross Components

Part # AS29F010
Description  Flexible sector architecture
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29F010 Datasheet(HTML) 26 Page - Micross Components

Back Button AS29F010 Datasheet HTML 18Page - Micross Components AS29F010 Datasheet HTML 19Page - Micross Components AS29F010 Datasheet HTML 20Page - Micross Components AS29F010 Datasheet HTML 21Page - Micross Components AS29F010 Datasheet HTML 22Page - Micross Components AS29F010 Datasheet HTML 23Page - Micross Components AS29F010 Datasheet HTML 24Page - Micross Components AS29F010 Datasheet HTML 25Page - Micross Components AS29F010 Datasheet HTML 26Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
FLASH
AS29F010
Micross Components reserves the right to change products or specifications without notice.
26
AS29F010
Rev. 2.6 11/10
DOCUMENT TITLE
128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
REVISION HISTORY
Rev #
History
Release Date
Status
2.3
Changed MAX value from 60 to 15
December 2008
Release
corrections on page 15 &18
2.4
Updated Micross Information
January 2010
Release
2.5
Removed -50 ordering option note
October 2010
Release
from page 1 & 24
2.6
Removed * by 50ns on page 1
November 2010
Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com