Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS29F010 Datasheet(PDF) 14 Page - Micross Components

Part # AS29F010
Description  Flexible sector architecture
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29F010 Datasheet(HTML) 14 Page - Micross Components

Back Button AS29F010 Datasheet HTML 10Page - Micross Components AS29F010 Datasheet HTML 11Page - Micross Components AS29F010 Datasheet HTML 12Page - Micross Components AS29F010 Datasheet HTML 13Page - Micross Components AS29F010 Datasheet HTML 14Page - Micross Components AS29F010 Datasheet HTML 15Page - Micross Components AS29F010 Datasheet HTML 16Page - Micross Components AS29F010 Datasheet HTML 17Page - Micross Components AS29F010 Datasheet HTML 18Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
FLASH
AS29F010
Micross Components reserves the right to change products or specifications without notice.
14
AS29F010
Rev. 2.6 11/10
TABLE 6: TEST CONDITIONS,
Test Specifications
CONDITIONS
ALL SPEEDS
UNIT
Output Load
Output Load Capacitance, CL
(including jig capacitance)
50
pF
Input Rise and Fall Times
5
ns
Input Pulse Levels
0/3
V
Input timing measurement
reference levels
1.5
V
Output timing measurement
reference levels
1.5
V
1 TTL Gate
AC CHARACTERISTICS: Read-Only Operations
FIGURE 7: TEST CONDITIONS,
Test Setup
JEDEC
Std
-50
-60
-70
90
-120
-150
Read Cycle Time
1
tAVAV
tRC
MIN
50607090
120
150
ns
Address to Output Delay
tAVQV
tACC
CE\ = VIL
OE\ = VIL
MAX
50
60
70
90
120
150
ns
Chip Enable to Output Delay
tELQV
tCE
OE\ = VIL
MAX
50
60
70
90
120
150
ns
Output Enable to Output Delay
tGLQV
tOE
MAX
25
30
35
40
50
55
ns
Chip Enable to Output High Z
1
tEHQZ
tDF
MAX
15
20
20
25
30
35
ns
Output Enable to Output High Z
1
tGHQZ
tDF
MAX
15
20
20
25
30
35
ns
Read
MIN
ns
Toggle and
Data Polling
MIN
ns
Output Hold Time From Addresses
CE\ or OE\, Whichever Occurs
First
tAXQX
tOH
MIN
ns
PARAMETER
TEST SETUP
Output Enable Hold Time
1
tOEH
SYMBOL
UNITS
0
10
0
SPEED OPTIONS
NOTES:
1. Not 100% tested.
2. See Figure 7 and Table 6 for test specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com