Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB2517I Datasheet(PDF) 39 Page - Microchip Technology

Part # USB2517I
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517I Datasheet(HTML) 39 Page - Microchip Technology

Back Button USB2517I Datasheet HTML 35Page - Microchip Technology USB2517I Datasheet HTML 36Page - Microchip Technology USB2517I Datasheet HTML 37Page - Microchip Technology USB2517I Datasheet HTML 38Page - Microchip Technology USB2517I Datasheet HTML 39Page - Microchip Technology USB2517I Datasheet HTML 40Page - Microchip Technology USB2517I Datasheet HTML 41Page - Microchip Technology USB2517I Datasheet HTML 42Page - Microchip Technology USB2517I Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
 2013-2016 Microchip Technology Inc.
DS00001598B-page 39
USB2517/USB2517I
7.3
SMBus Slave Interface
Instead of loading User-Defined Descriptor data from an external EEPROM, the MCHP Hub can be configured to
receive a code load from an external processor via an SMBus interface. The SMBus interface shares the same pins as
the EEPROM interface; if CFG_SEL1 & CFG_SEL0 activates the SMBus interface, external EEPROM support is no
longer available (and the user-defined descriptor data must be downloaded via the SMBus). Due to system issues, the
MCHP Hub waits indefinitely for the SMBus code load to complete and only “appears” as a newly connected device on
USB after the code load is complete.
The Hub’s SMBus implementation is a subset of the SMBus interface to the host. The device is a slave-only SMBus
device. The implementation in the device is a subset of SMBus since it only supports two protocols.
The Write Block and Read Block protocols are the only valid SMBus protocols for the Hub. The Hub responds to other
protocols as described in Section 7.3.2, "Invalid Protocol Response Behavior," on page 40. Reference the System Man-
agement Bus Specification, Rev 1.0.
The SMBus interface is used to read and write the registers in the device. The register set is shown in Section 7.2.1,
"Internal Register Set (Common to EEPROM and SMBus)," on page 19.
7.3.1
BUS PROTOCOLS
Typical Write Block and Read Block protocols are shown below. Register accesses are performed using 7-bit slave
addressing, an 8-bit register address field, and an 8-bit data field. The shading indicates the Hub driving data on the
SMBDATA line; otherwise, host data is on the SDA/SMBDATA line.
The slave address is the unique SMBus Interface Address for the Hub that identifies it on SMBus. The register address
field is the internal address of the register to be accessed. The register data field is the data that the host is attempting
to write to the register or the contents of the register that the host is attempting to read.
7.3.1.1
Block Read/Write
The Block Write begins with a slave address and a write condition. After the command code, the host issues a byte
count which describes how many more bytes will follow in the message. If a slave had 20 bytes to send, the first byte
would be the number 20 (14h), followed by the 20 bytes of data. The byte count may not be 0. A Block Read or Write is
allowed to transfer a maximum of 32 data bytes.
Note:
Data bytes are transferred MSB first (msb first).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com