Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB2517I Datasheet(PDF) 48 Page - Microchip Technology

Part # USB2517I
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517I Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB2517I Datasheet HTML 44Page - Microchip Technology USB2517I Datasheet HTML 45Page - Microchip Technology USB2517I Datasheet HTML 46Page - Microchip Technology USB2517I Datasheet HTML 47Page - Microchip Technology USB2517I Datasheet HTML 48Page - Microchip Technology USB2517I Datasheet HTML 49Page - Microchip Technology USB2517I Datasheet HTML 50Page - Microchip Technology USB2517I Datasheet HTML 51Page - Microchip Technology USB2517I Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 48
2013-2016 Microchip Technology Inc.
8.2
Operating Conditions
Note 8-1
If RESET_N is controlled low during the 3.3V rise time and driven high after VDD33 is stable, the
rise time can be extended to 100 ms.
Note 8-2
0°C for commercial temperature version, -40°C for industrial temperature version
Note 8-3
70°C for commercial temperature version, +85°C for industrial temperature version
Parameter
Symbol
Min
Max
Units
Comments
Operating
Temperature
TA
Note 8-2
Note 8-3
°C
Ambient temperature in still air.
1.8V supply
voltage
VDDA18PLL
VDD18
1.62
1.98
V
3.3V supply
voltage
VDDA33
VDDA33PLL
VDD33
VDD33CR
3.0
3.6
V
3.3V supply
rise time
tRT
400
s
(See Note 8-1and Figure 8-1, "SUPPLY
RISE TIME MODEL")
Voltage on any
I/O pin
-0.3
5.5
V
If any 3.3V supply voltage drops below
3.0V, then the MAX becomes:
(3.3V supply voltage) + 0.5
Voltage on
XTAL1
-0.3
VDD33
V
Voltage on
XTAL2
-0.3
VDD18
V
FIGURE 8-1:
SUPPLY RISE TIME MODEL
t10%
10%
90%
Voltage
tRT
t90%
Time
100%
3.3V
VSS
VDD33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com