Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB2517I Datasheet(PDF) 12 Page - Microchip Technology

Part # USB2517I
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517I Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB2517I Datasheet HTML 8Page - Microchip Technology USB2517I Datasheet HTML 9Page - Microchip Technology USB2517I Datasheet HTML 10Page - Microchip Technology USB2517I Datasheet HTML 11Page - Microchip Technology USB2517I Datasheet HTML 12Page - Microchip Technology USB2517I Datasheet HTML 13Page - Microchip Technology USB2517I Datasheet HTML 14Page - Microchip Technology USB2517I Datasheet HTML 15Page - Microchip Technology USB2517I Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 12
 2013-2016 Microchip Technology Inc.
LED_B[2:1]_N/
BOOST[1:0]
48
50
I/O12
Enhanced Port [2:1] LED & PHY Boost strapping option
Enhanced Indicator LED for ports 1 & 2. Will be active low when
LED support is enabled via EEPROM or SMBus.
BOOST[1:0]: If this strap is enabled by package and configuration
settings (see Table 5-2), this pin will be sampled at RESET_N
negation to determine if all PHY ports (upstream and downstream)
operate at a normal or boosted electrical level. Also, the active
state of the LEDs will be determined as follows:
See Section 7.2.1.26, "Register F6h: Boost_Up" and Section
7.2.1.28, "Register F8h: Boost_4:0".
BOOST[1:0] = BOOST_IOUT[1:0]
BOOST[1:0] = ‘00’,
LED_B2_N is active high,
LED_B1_N is active high.
BOOST[1:0] = ‘01’,
LED_B2_N is active high,
LED_B1_N is active low.
BOOST[1:0] = ‘10’,
LED_B2_N is active low,
LED_B1_N is active high.
BOOST[1:0] = ‘11’,
LED_B2_N is active low,
LED_B1_N is active low.
OCS[7:1]_N
37
38
35
21
22
27
28
IPU
Over-current Sense
Input from external current monitor indicating an over-current con-
dition.
{Note: Contains internal pull-up to 3.3V supply}
RBIAS
63
I-R
USB Transceiver Bias
A 12.0k
(+/- 1%) resistor is attached from the ground to this pin
to set the transceiver’s internal bias settings.
TABLE 5-1:
USB2517/USB2517I PIN DESCRIPTIONS (CONTINUED)
Symbol
64 QFN
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com