Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB2517I Datasheet(PDF) 14 Page - Microchip Technology

Part # USB2517I
Description  USB 2.0 Hi-Speed 7-Port Hub Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2517I Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB2517I Datasheet HTML 10Page - Microchip Technology USB2517I Datasheet HTML 11Page - Microchip Technology USB2517I Datasheet HTML 12Page - Microchip Technology USB2517I Datasheet HTML 13Page - Microchip Technology USB2517I Datasheet HTML 14Page - Microchip Technology USB2517I Datasheet HTML 15Page - Microchip Technology USB2517I Datasheet HTML 16Page - Microchip Technology USB2517I Datasheet HTML 17Page - Microchip Technology USB2517I Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
USB2517/USB2517I
DS00001598B-page 14
 2013-2016 Microchip Technology Inc.
MISC
XTAL1/
CLKIN
61
ICLKx
Crystal Input/External Clock Input
24MHz crystal or external clock input.
This pin connects to either one terminal of the crystal or to an
external 24MHz clock when a crystal is not used.
XTAL2
60
OCLKx
Crystal Output
24MHz Crystal
This is the other terminal of the crystal. It can be treated as a no
connect when an external clock source is used to drive XTAL1/
CLKIN. This output must not be used to drive any external circuitry
other than the crystal circuit.
RESET_N
43
IS
RESET Input
The system can reset the chip by driving this input low. The mini-
mum active low pulse is 1
s.
When the RESET_N pin is pulled to VDD33, the internal POR
(Power on Reset) is enabled and no external reset circuitry is
required. The internal POR holds the internal logic in reset until the
power supplies are stable.
SUSP_IND/
LOCAL_PWR/
NON_REM0
45
I/O12
Active/Suspend status LED or Local-Power & Non-Removable
Strap Option
Suspend Indicator: Indicates the USB state of the hub.
‘negated’ = Unconfigured or configured and in USB suspend
‘asserted’ = Hub is configured, and is active (i.e., not in suspend)
Local Power: Detects availability of local self-power source.
Low = Self/local power source is NOT available (i.e., Hub gets all
power from the upstream USB VBus).
High = Self/local power source is available.
NON_REM0 Strap Option:
If this strap is enabled by package and configuration settings (see
Table 5-2, "USB2517I SMBUS or EEPROM Interface Behavior"),
this pin will be sampled (in conjunction with NON_REM1) at
RESET_N negation to determine if ports [3:1] contain permanently
attached (non-removable) devices. Also, the active state of the
LED will be determined as follows:
NON_REM[1:0] = ‘00’, All ports are removable, and the LED is
active high
NON_REM[1:0] = ‘01’, Port 1 is non-removable, and the LED is
active low
NON_REM[1:0] = ‘10’, Ports 1 & 2 are non-removable, and the
LED is active high
NON_REM[1:0] = ‘11’, Ports 1, 2 & 3 are non-removable, and the
LED is active low
TABLE 5-1:
USB2517/USB2517I PIN DESCRIPTIONS (CONTINUED)
Symbol
64 QFN
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com