Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS29372 Datasheet(PDF) 7 Page - Micross Components

Part # AS29372
Description  High output voltage accuracy
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29372 Datasheet(HTML) 7 Page - Micross Components

Back Button AS29372 Datasheet HTML 2Page - Micross Components AS29372 Datasheet HTML 3Page - Micross Components AS29372 Datasheet HTML 4Page - Micross Components AS29372 Datasheet HTML 5Page - Micross Components AS29372 Datasheet HTML 6Page - Micross Components AS29372 Datasheet HTML 7Page - Micross Components AS29372 Datasheet HTML 8Page - Micross Components AS29372 Datasheet HTML 9Page - Micross Components AS29372 Datasheet HTML 10Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Voltage Regulator
AS29372
AS29372
Rev. 2.7 01/10
Micross Components reserves the right to change products or specifications without notice.
7
APPLICATIONS INFORMATION
External Capacitors
A 10μF (or greater) capacitor is required between the output
and ground to prevent oscillations due to instability. Most types
of tantalum or aluminum electrolytics will be adequate; film
types will work, but are costly and therefore not recommended.
Many aluminum electrolytics have electrolytes that freeze at
about -30°C, so solid tantalums are recommended for operation
below -25°C. The important parameters of the capacitor are
an effective series resistance of about 5
Ω or less and a resonant
frequency above 500kHz. The value of this capacitor may be
increased without limit.
At lower values of output current, less output capacitance is
required for output stability. The capacitor can be reduced to
0.5μF for current below 10mA or 0.15μF for currents below
1mA. Adjusting the AS29372 to voltages below 5V runs the
error amplifier at lower gains so that more output capacitance
is needed. For the worst-case situation of 750mA load at 1.23V
output (Output shorted to Adjust) a 22μF (or greater) capacitor
should be used.
Programming the Output Voltage
The AS29372 may be programmed for any output voltage
between its 1.235V reference and its 26V maximum rating. An
external pair of resistors is required, as show in Figure 1.
The complete equation for the output voltage is
V
OUT = VREF x {1 + R1/R2} - |IFB|R1
where V
REF Is the nominal 1.235 reference voltage and IFB is
the Adjust pin bias current, nominally 20nA. The minimum
recommended load current of 1μA forces an upper limit of
1.2M
Ω on the value R
2, if the regulator must work with no load
(a condition often found in CMOS in standby), I
FB will produce
a -2% typical error in V
OUT which may be eliminated at room
temperature by trimming R
1. For better accuracy, choosing
R
2 = 100k reduces this error to 0.17% while increasing the
resistor program current to 12μA. Since the AS29372 typically
draws 100μA at no load with SHUTDOWN open-circuited, this
is a negligible addition.
Reducing Output Noise
In reference applications it may be advantageous to reduce the
AC noise present at the output. One method is to reduce the
regulator bandwidth by increasing the size of the output capaci-
tor. This is relatively inefficient, as increasing the capacitor
from 1μF to 220μF only decreases the noise from 430μV to
160μV
RMS for a 100kHz bandwidth at 5V output. Noise can be
reduced by a factor of four with the adjustable regulators with a
bypass capacitor across R
1, since it reduces the high frequency
gain from 4 to unity. Pick
C
BYPASS z
1
2
πR
1 H 200 Hz
or about 0.01μF. When doing this, the output capacitor must
be increased to 10μF to maintain stability. These changes re-
duce the output noise from 430μV to 100μV
RMS for a 100kHz
bandwidth at 5V output. With the bypass capacitor added, noise
no longer scales with output voltage so that improvements are
more dramatic at higher output voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com