Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS29372 Datasheet(PDF) 2 Page - Micross Components

Part # AS29372
Description  High output voltage accuracy
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29372 Datasheet(HTML) 2 Page - Micross Components

  AS29372 Datasheet HTML 1Page - Micross Components AS29372 Datasheet HTML 2Page - Micross Components AS29372 Datasheet HTML 3Page - Micross Components AS29372 Datasheet HTML 4Page - Micross Components AS29372 Datasheet HTML 5Page - Micross Components AS29372 Datasheet HTML 6Page - Micross Components AS29372 Datasheet HTML 7Page - Micross Components AS29372 Datasheet HTML 8Page - Micross Components AS29372 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Voltage Regulator
AS29372
AS29372
Rev. 2.7 01/10
Micross Components reserves the right to change products or specifications without notice.
2
*Across the full operating temperature, the minimum input
voltage range for full output current is 4.3V to 26V. Output will
remain in-regulation at lower output voltages and low current
loads down to an input of 2V at 25°C.
ABSOLUTE MAXIMUM RATINGS1
Power Dissipation.......................................Internally Limited
Lead Temperature (Soldering, 5 seconds)......................260°C
Storage Temperature Range..........................-65°C to +150°C
Operating Junction Temperature Range....-40°C to +125°C
.
θ
JC = 14°C/W
Input Supply Voltage..........................................-20V to +60V
Operating Input Supply Voltage*............................2V to 26V
Adjust Input Voltage9,10.....................................-1.5V to +26V
Shutdown Input Voltage....................................-0.3V to +30V
Error Comparator Output Voltage.....................-0.3V to +30V
ELECTRICAL CHARACTERISTICS
Limits in standard typeface are for T
J = 25°C and limits in boldface apply over the full operating temperature range,
-40°C to +125°C. Unless otherwise specified, V
IN = VOUT + 1V, IL = 5mA, CL = 10μF. The AS29372 are programmed for a
5V output voltage, and V
SHUTDOWN < 0.6V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ΔVO/ΔT
Output Voltage
Temperature Coef.
(note 2)
20
100
ppm/°C
ΔVO/ΔVIN Line Regulation
VIN = VOUT + 1V to 26V
IL = 2mA
0.03
0.10
0.40
%
ΔVO/ΔIL Load Regulation
IL = 5 to 700 mA
(note 3 & 4)
0.04
0.16
0.20
%
IL = 5mA
80
150
180
IL = 100mA
200
250
320
IL = 500mA
300
450
600
IL = 5mA, VO = 5 ± 0.1V
160
250
300
μA
IL = 100mA, VO = 5 ± 0.1V
1
2.5
3
IL = 500mA, VO = 5 ± 0.1V
8
13
16
ΔVO/ΔPD Thermal Regulation (note 9)
0.05
0.2
%/W
Reference Voltage (note 7)
1.204
1.26
V
Adjust Pin
Bias Current
20
40
60
nA
mV
Dropout Voltage
(note 5)
VIN - VO
mA
IGND
Ground Pin Current
(note 6)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com