Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS29372 Datasheet(PDF) 3 Page - Micross Components

Part # AS29372
Description  High output voltage accuracy
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29372 Datasheet(HTML) 3 Page - Micross Components

  AS29372 Datasheet HTML 1Page - Micross Components AS29372 Datasheet HTML 2Page - Micross Components AS29372 Datasheet HTML 3Page - Micross Components AS29372 Datasheet HTML 4Page - Micross Components AS29372 Datasheet HTML 5Page - Micross Components AS29372 Datasheet HTML 6Page - Micross Components AS29372 Datasheet HTML 7Page - Micross Components AS29372 Datasheet HTML 8Page - Micross Components AS29372 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Voltage Regulator
AS29372
AS29372
Rev. 2.7 01/10
Micross Components reserves the right to change products or specifications without notice.
3
ELECTRICAL CHARACTERISTICS (Cont.)
Shutdown Input
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low (ON)
0.7
High (OFF)
2.0
VSHUTDOWN = 2.4V
30
50
100
VSHUTDOWN = 26V
450
600
750
Regulator Output
Current in
Shutdown
(note 8)
3
10
20
μA
Input Logic Voltage
V
Shutdown Pin
Input Current
μA
NOTES:
1. Unless otherwise specified, V
IN = VOUT = 1V, IL = 5mA, CL = 10μF, TJ = TA. Device shall be biased in accordance with
Figure 1 with V
SHUTDOWN < 0.6V, VIN = 6V, RL = 300 kilohms ±1%.
2. Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
3. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in output voltage due
to heating effects are covered by the thermal regulation specification.
4. This parameter is tested up to 600mA; however, limits are guaranteed but not tested to 750mA.
5. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 100mV below its nominal
value measured at 1V differential. At very low values of programmed output voltage, the minium input supply voltage of 2V
(2.3V over temperature) must be taken into account.
6. Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load cur-
rent plus the ground pin current.
7. V
REF < VOUT < (VIN - 1V), 4.3V < VIN < 26V, 5mA < IL < 600mA, TJ < TJMAX.
8. See Figure 1 with R
L > 150 kilohms, VSHUTDOWN > 2V, VIN < 26V, VOUT = 0.
9. Thermal regulation is defined as the change in output voltage at a time (t) after a change in power dissipation is applied,
excluding line and load regulation effects. Specification is for a 200mA load pulse at V
IN = 20V (at 4W pulse) for
t = 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com