Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS29372 Datasheet(PDF) 1 Page - Micross Components

Part # AS29372
Description  High output voltage accuracy
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

AS29372 Datasheet(HTML) 1 Page - Micross Components

  AS29372 Datasheet HTML 1Page - Micross Components AS29372 Datasheet HTML 2Page - Micross Components AS29372 Datasheet HTML 3Page - Micross Components AS29372 Datasheet HTML 4Page - Micross Components AS29372 Datasheet HTML 5Page - Micross Components AS29372 Datasheet HTML 6Page - Micross Components AS29372 Datasheet HTML 7Page - Micross Components AS29372 Datasheet HTML 8Page - Micross Components AS29372 Datasheet HTML 9Page - Micross Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Voltage Regulator
AS29372
AS29372
Rev. 2.7 01/10
Micross Components reserves the right to change products or specifications without notice.
1
LOW-DROPOUT VOLTAGE
REGULATOR
AVAILABLE AS MILITARY
SPECIFICATIONS
MIL-STD-883, Class B para 1.2.2 compliant
FEATURES
High output voltage accuracy
Guaranteed 750mA output
Low quiescent current
Low dropout voltage
Extremely tight load and line regulation
Very low temperature coefficient
Current and thermal limiting
Input can withstand -20V reverse battery and +60V
positive transients
Logic-controlled electronic shutdown
Output programmable from 1.24V to 26V
Available in a 7-lead flatpack package
APPLICATIONS
Battery powered equipment
Cellular telephones
Laptop, notebook, and palmtop computers
PCMCIA V
CC and VPP Regulation/Switching
Bar code scanners
Automotive electronics
SMPS post-regulator/DC to DC modules
High efficiency linear power supplies
OPTIONS
MARKING
Package
7-Lead Flatpack
F
For more products and information
please visit our web site at
www.micross.com
PIN ASSIGNMENT
(Top View)
7 Lead Flatpack (F)
1
7
2
3
4
5
6
GENERAL DESCRIPTION
The AS29372 is an efficient voltage regulator with very low
dropout voltage and very low quiescent current. Key features
include protection against reversed battery, fold-back current
limiting, and automotive “load dump” protection. A logic
compatible input is provided, which allows the device to be
switched on and off.
GND
SHDN
ADJ
V
IN
V
IN
OUT
OUT


Similar Part No. - AS29372

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29372 AUSTIN-AS29372 Datasheet
184Kb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
AS29372 AUSTIN-AS29372 Datasheet
1Mb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
AS29372F/883 AUSTIN-AS29372F/883 Datasheet
1Mb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
AS29372F/883C AUSTIN-AS29372F/883C Datasheet
184Kb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
AS29372F/IT AUSTIN-AS29372F/IT Datasheet
184Kb / 10P
LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AS29372

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
High accuracy, variable output, low voltage operation shunt regulator
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
Micropower, High Accuracy Voltage References
REV. B
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Rohm
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
High accuracy output voltage
logo
Unisonic Technologies
LR8XXYYBG-AE6-R UTC-LR8XXYYBG-AE6-R Datasheet
176Kb / 6P
High Output Voltage Accuracy
logo
Analog Devices
ADP7183-EVALZ AD-ADP7183-EVALZ Datasheet
440Kb / 9P
Output voltage accuracy
Rev. 0
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
High output voltage accuracy
20-Jan-2010
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
High-Accuracy PWM Output Temperature Sensors
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com