Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXDD415 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXDD415
Description  Dual 15 Ampere Low-Side Ultrafast MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD415 Datasheet(HTML) 2 Page - IXYS Corporation

  IXDD415 Datasheet HTML 1Page - IXYS Corporation IXDD415 Datasheet HTML 2Page - IXYS Corporation IXDD415 Datasheet HTML 3Page - IXYS Corporation IXDD415 Datasheet HTML 4Page - IXYS Corporation IXDD415 Datasheet HTML 5Page - IXYS Corporation IXDD415 Datasheet HTML 6Page - IXYS Corporation IXDD415 Datasheet HTML 7Page - IXYS Corporation IXDD415 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
IXDD415SI
Parameter
Value
Supply Voltage
30V
All Other Pins
-0.3V to VCC + 0.3V
Power Dissipation
TAMBIENT
≤25 oC
1W
TCASE
≤25 oC
12W
Derating Factors (to Ambient)
28-Pin SOIC
0.1W/oC
Storage Temperature
-65oC to 150oC
Soldering Lead Temperature
(10 seconds maximum)
300oC
Unless otherwise noted, T
A = 25
oC, 4.5V
≤ V
CC ≤ 25V .
All voltage measurements with respect to GND. IXDD415 configured as described in Test Conditions.
Electrical Characteristics
Absolute Maximum Ratings (Note 1)
Operating Ratings
Parameter
Value
Maximum Junction Temperature
150oC
Operating Temperature Range
-40oC to 85oC
Thermal Impedance (Junction To Case)
28 Pin SOIC (SI) (
θJC)
0.75oC/W
(1) Refer to Figures 2a and 2b
Specifications Subject To Change Without Notice
S y m b ol
Pa r a m e te r
T e s t C o n d itio ns
M in
T y p
M a x
U n its
V IH
H igh in pu t v o lta g e
3.5
V
V IL
Low in p u t v o ltag e
0.8
V
V IN
In put volta ge r ange
-5
V CC + 0.3
V
IIN
In put current
0V
≤ V
IN ≤ V CC
-1 0
1 0
µ A
V OH
H igh o u tp ut v o ltage
V CC - 0 .025
V
V OL
Low o u tp u t v o ltag e
0.02 5
V
R OH
O u tp ut re s is tan c e
@ O u tp u t H ig h
IOUT = 10m A , V CC = 1 5 V
0.8
1.2
R OL
O u tp ut re s is tan c e
@ O u tp u t L o w
IOUT = 10m A , V CC = 1 5 V
0.8
1.2
IPEAK
P e ak output c u rre nt
V CC = 1 5 V , ea ch output
15
A
IDC
C o n tin u o us ou tp ut
c u rre n t
2
A
V EN
E n a b le vo ltag e ra ng e
-0 .3
V c c + 0.3
V
V ENH
H igh E n in put voltage
2/3 V c c
V
V ENL
Low E n in p u t v o ltag e
1/3 V c c
V
fMAX
M a xim u m freq uen c y
C L= 1 .0 n F V cc= 1 5 V , m a x C W freq uen c y
lim ite d b y p a c k a g e p o w e r d is s ip a tio n
45
M H z
tR
R is e tim e
(1 )
C L=1nF V c c = 15V V OH = 2 V to 1 2 V
C L=4nF V c c = 15V V OH = 2 V to 1 2 V
2.5
4.5
ns
ns
tF
F a ll tim e
(1 )
C L=1nF V c c = 15V V OH = 2 V to 1 2 V
C L=4nF V c c = 15V V OH = 2 V to 1 2 V
2.0
3.5
ns
ns
tOND LY
O n -tim e p rop agatio n
de la y
(1 )
C L=4nF V c c = 15V
32
38
ns
tOFFD LY
O ff-tim e propa gatio n
de la y
(1 )
C L=4nF V c c = 15V
29
35
ns
P Wmin
M in im u m puls e w idth
F W H M C L=1 nF
+3V to +3V C L=1 n F
5.0
7.0
ns
ns
tENO L
E n a b le to output lo w
de la y tim e
Vc c = 1 5 V
8 0
n s
tENO H
E n a b le to output hig h
de la y tim e
V c c=1 5 V
17 0
ns
tDOLD
D isable to outpu t lo w
D isable dela y tim e
Vc c = 1 5 V
3 0
n s
tDOHD
D isable to output hig h
D isable dela y tim e
Vc c = 1 5 V
3 0
n s
V CC
P o w e r supp ly v o lta g e
8
15
30
V
ICC
P o w e r supp ly curre n t
V IN = 3.5V
V IN = 0 V
V IN = + V CC
1
0
3
10
10
mA
µ A
µ A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com