Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXDD415 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXDD415
Description  Dual 15 Ampere Low-Side Ultrafast MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD415 Datasheet(HTML) 4 Page - IXYS Corporation

  IXDD415 Datasheet HTML 1Page - IXYS Corporation IXDD415 Datasheet HTML 2Page - IXYS Corporation IXDD415 Datasheet HTML 3Page - IXYS Corporation IXDD415 Datasheet HTML 4Page - IXYS Corporation IXDD415 Datasheet HTML 5Page - IXYS Corporation IXDD415 Datasheet HTML 6Page - IXYS Corporation IXDD415 Datasheet HTML 7Page - IXYS Corporation IXDD415 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
IXDD415SI
Typical Performance Characteristics
VIN
Figure 2a - Characteristics Test Diagram
Rise Time vs. Load Capacitance
V
CC = 15V, VOH = 2V To 12V
Load Capacitance (pF)
1k
2k
3k
4k
0
0
1
2
3
4
5
Fig. 3
Fall Time vs. Load Capacitance
V
CC = 15V, VOH = 12V To 2V
Load Capacitance (pF)
1k
2k
3k
4k
0
0
1
2
3
4
5
Fig. 4
Supply Current vs. Frequency
Vcc=15V
Frequency (MHz)
5
10152025
0
1000
2000
3000
4000
4 nF
2 nF
1 nF
C
L = 0
Fig. 5
Supply Current vs. Load Capacitance
Vcc=15V
Load Capacitance (pF)
0k
1k
2k
3k
4k
0
1000
2000
3000
4000
1 MHz
5 MHz
10 MHz
20 MHz
15 MHz
25 MHz
Fig. 6
Figure 2b - Timing Diagram
INPUT
OUTPUT
5V
90%
2.5V
10%
0V
0V
Vcc
90%
10%
tONDLY
tOFFDLY
tR
tF
PWMIN



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com