Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXDD415 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXDD415
Description  Dual 15 Ampere Low-Side Ultrafast MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD415 Datasheet(HTML) 5 Page - IXYS Corporation

  IXDD415 Datasheet HTML 1Page - IXYS Corporation IXDD415 Datasheet HTML 2Page - IXYS Corporation IXDD415 Datasheet HTML 3Page - IXYS Corporation IXDD415 Datasheet HTML 4Page - IXYS Corporation IXDD415 Datasheet HTML 5Page - IXYS Corporation IXDD415 Datasheet HTML 6Page - IXYS Corporation IXDD415 Datasheet HTML 7Page - IXYS Corporation IXDD415 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
IXDD415SI
PropagationDelayvs. Supply Voltage
C
L=4nF VIN=5V@100kHz
SupplyVoltage(V)
8
1012
1416
18
0
10
20
30
40
50
tONDLY
tOFFDLY
Fig. 7
PropagationDelayvs. Input Voltage
C
L=4nF VCC=15V
Input Voltage(V)
24
68
10
12
0
10
20
30
40
50
tONDLY
tOFFDLY
Fig. 8
PropagationDelay vs. JunctionTemperature
C
L=4nF, VCC=15V
Temperature(°C)
-40
-20
0
20406080
100
120
10
15
20
25
30
35
40
45
50
tOFFDLY
tONDLY
Fig. 9
Figure 10
2.2ns Rise Time
Figure 11
<6ns Minimum Pulse Width
Typical Output Waveforms
Unless otherwise noted, all waveforms are taken driving a 1nF load, 1MHz repetition frequency, V
CC=15V, Case Temperature = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com