Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXDD415 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDD415
Description  Dual 15 Ampere Low-Side Ultrafast MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD415 Datasheet(HTML) 3 Page - IXYS Corporation

  IXDD415 Datasheet HTML 1Page - IXYS Corporation IXDD415 Datasheet HTML 2Page - IXYS Corporation IXDD415 Datasheet HTML 3Page - IXYS Corporation IXDD415 Datasheet HTML 4Page - IXYS Corporation IXDD415 Datasheet HTML 5Page - IXYS Corporation IXDD415 Datasheet HTML 6Page - IXYS Corporation IXDD415 Datasheet HTML 7Page - IXYS Corporation IXDD415 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
IXDD415SI
Pin Description
Note 1: Operating the device beyond parameters with listed “Absolute Maximum Ratings” may cause permanent
damage to the device. Typical values indicate conditions for which the device is intended to be functional, but do not
guarantee specific performance limits. The guaranteed specifications apply only for the test conditions listed.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD procedures
when handling and assembling this component.
P IN #
S Y M B O L
F UNCT IO N
DE S CRIP T IO N
1- 4
11- 14
VC C
Su p p ly Vo lta g e
P o s itiv e po w e r- s upply v o lta ge in p u t. T h is pin pr ov id es po w e r
to the entir e c h ip . T he r ange fo r th is v o lta ge is fr o m 8 V to
30V .
7
IN A
Input
Input s ign al- T T L or C M O S c o m patib le .
6
EN A
En a b le
T he s y s tem enab le p in . T h is pin, w h en dr iv en lo w , dis a bles
the c h ip , fo r c ing hig h im pedanc e s tate to the output.
22- 24
O U T A
O u tput
D r iv er
O u tp ut.
F o r
a pplic ation
pur pos es ,
th is
p in
is
c onnec te d to the G a te of a M O S F E T . In s o m e app lic atio ns ,
a lo w - im pedan c e s e r ies r e s is tor m a y be r equ ir ed betw e e n
th is o u tp u t a n d th e M O S F E T G a te .
8
IN B
Input
Input s ign al- T T L or C M O S c o m patib le .
9
EN B
En a b le
T he s y s tem enab le p in . T h is pin, w h en dr iv en lo w , dis a bles
the c h ip , fo r c ing hig h im pedanc e s tate to the output.
19- 21
O U T B
O u tput
D r iv er
O u tp ut.
F o r
a pplic ation
pur pos es ,
th is
p in
is
c onnec te d to the G a te of a M O S F E T . In s o m e app lic atio ns ,
a lo w - im pedanc e s e r ies r e s is tor m a y be r equ ir ed betw e e n
th is o u tp u t a n d th e M O S F E T G a te .
5,10
15- 18
25- 28
G N D
G r ound
T he s y s tem gr ound pins . In te r n ally c o nn ec ted to a ll c ir c uitr y ,
thes e pins pr o v id e gr oun d r e fe r enc e fo r th e entir e c h ip . A ll of
thes e
pins
s hould
be
c o nnec te d
to
a
lo w
nois e
an a log
gr oun d p lan e fo r op tim u m p e r form anc e.
Pin Configurations And Package Outline
Ordering Information
Part Number
Package Type
Temp. Range
Grade
IXDD415SI
28-Pin SOIC
-40
°C to +85°C Industrial
NOTE: Bottom-side heat sinking metalization is connected to ground



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com