Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

WM9713 Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM9713
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713 Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM9713 Datasheet HTML 55Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 56Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 57Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 58Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 59Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 60Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 61Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 62Page - Wolfson Microelectronics plc WM9713 Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
59
TOUCHPANEL INTERFACE
The WM9713L includes a touchpanel driver and digitiser circuit for use with 4-wire or 5-wire resistive
touchpanels. The following functions are implemented:
X co-ordinate measurement
Y co-ordinate measurement
Pen down detection, with programmable sensitivity
Touch pressure measurement (4-wire touchpanel only)
Auxiliary measurement from COMP1/AUX1 (pin 29), COMP2/AUX2 (pin 30), BMON/AUX3
(pin 31), or WIPER/AUX4 (pin 12)
The touchpanel digitiser uses a very low power, 12-bit successive approximation type ADC. The
same ADC can also be used for battery and auxiliary measurements (see the “Battery Alarm and
Battery Measurement” and “Auxiliary ADC Inputs” sections).
An on-chip switch matrix connects each touchpanel terminal to the supply voltage TPVDD, to ground
(TPGND), or to the ADC input, as required.
Figure 16 Touchpanel Switch Matrix
PRINCIPLE OF OPERATION - FOUR-WIRE TOUCHPANEL
Four-wire touchpanels are connected to the WM9713L as follows:
Right side contact = X+ (pin 14)
Left side contact = X- (pin 16)
Top side contact = Y+ (pin 15)
Bottom side contact = Y- (pin 17)
The principle of operation is illustrated below (Note: the illustrations assume that the top plate is used
for X and the bottom plate for Y measurements, although the reverse is also possible).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com